| Electronic Components Datasheet Search |
|
ML610421 Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML610421 Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd. |
|
14 / 31 page ![]() FEDL610421-02 ML610421 14/31 Pin name I/O Description Primary/ Secondary/ Tertiary Logic RC oscillation type A/D converter IN0 I Channel 0 oscillation input pin. This pin is used as the secondary function of the P30 pin. Secondary — CS0 O Channel 0 reference capacitor connection pin. This pin is used as the secondary function of the P31 pin. Secondary — RS0 O This pin is used as the secondary function of the P32 pin which is the reference resistor connection pin of Channel 0. Secondary — RT0 O Resistor sensor connection pin of Channel 0 for measurement. This pin is used as the secondary function of the P33 pin. Secondary — RCT0 O Resistor/capacitor sensor connection pin of Channel 0 for measurement. This pin is used as the secondary function of the P34 pin. Secondary — RCM O RC oscillation monitor pin. This pin is used as the secondary function of the P35 pin. Secondary — IN1 I Oscillation input pin of Channel 1. This pin is used as the secondary function of the P44 pin. Secondary — CS1 O Reference capacitor connection pin of Channel 1. This pin is used as the secondary function of the P45 pin. Secondary — RS1 O Reference resistor connection pin of Channel 1. This pin is used as the secondary function of the P46 pin. Secondary — RT1 O Resistor sensor connection pin for measurement of Channel 1. This pin is used as the secondary function of the P47 pin. Secondary — Successive approximation type A/D converter AVSS — Negative power supply pin for successive approximation type A/D converter. — — AVDD — Positive power supply pin for successive approximation type A/D converter. — — VREF — Reference power supply pin for successive approximation type A/D converter. — — AIN0 I Channel 0 analog input for successive approximation type A/D converter. — — AIN1 I Channel 1 analog input for successive approximation type A/D converter. — — LCD drive signal COM0-7 O Common output pins. — — COM8-15 O Common output pins. These pins are for the ML610422, but are not provided in the ML610421. — — SEG0-49 O Segment output pin. — — LCD driver power supply VL1 — Power supply pins for LCD bias (internally generated). Capacitors Ca, Cb, Cc, and Cd (see measuring circuit 1) are connected between VSS and VL1, VL2, VL3, and VL4, respectively. — — VL2 — — — VL3 — — — VL4 — — — C1 — Power supply pins for LCD bias (internally generated). Capacitors C12 and C34 (see measuring circuit 1) are connected between C1 and C2 and between C3 and C4, respectively. — — C2 — — — C3 — — — C4 — — — For testing TEST I Input pin for testing. A pull-down resistor is internally connected. — — Power supply VSS — Negative power supply pin. — — VDD — Positive power supply pin. — — VDDL — Positive power supply pin (internally generated) for internal logic. Capacitors CL0 and CL1 (see measuring circuit 1) are connected between this pin and VSS. — — VDDX — Plus-side power supply pin (internally generated) for low-speed oscillation. Capacitor Cx (see measuring circuit 1) is connected between this pin and VSS. — — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |