Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577
Description  SIMPLE SWITCHER Step-Up Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1577 Datasheet HTML 1Page - National Semiconductor (TI) LM1577 Datasheet HTML 2Page - National Semiconductor (TI) LM1577 Datasheet HTML 3Page - National Semiconductor (TI) LM1577 Datasheet HTML 4Page - National Semiconductor (TI) LM1577 Datasheet HTML 5Page - National Semiconductor (TI) LM1577 Datasheet HTML 6Page - National Semiconductor (TI) LM1577 Datasheet HTML 7Page - National Semiconductor (TI) LM1577 Datasheet HTML 8Page - National Semiconductor (TI) LM1577 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM1577/LM2577 Series
SIMPLE SWITCHER® Step-Up Voltage Regulator
General Description
The LM1577/LM2577 are monolithic integrated circuits that
provide all of the power and control functions for step-up
(boost), flyback, and forward converter switching regulators.
The device is available in three different output voltage ver-
sions: 12V, 15V, and adjustable.
Requiring a minimum number of external components, these
regulators are cost effective, and simple to use. Listed in this
data sheet are a family of standard inductors and flyback
transformers designed to work with these switching regula-
tors.
Included on the chip is a 3.0A NPN switch and its associated
protection circuitry, consisting of current and thermal limiting,
and undervoltage lockout. Other features include a 52 kHz
fixed-frequency oscillator that requires no external compo-
nents, a soft start mode to reduce in-rush current during
start-up, and current mode control for improved rejection of
input voltage and output load transients.
Features
n Requires few external components
n NPN output switches 3.0A, can stand off 65V
n Wide input voltage range: 3.5V to 40V
n Current-mode operation for improved transient
response, line regulation, and current limit
n 52 kHz internal oscillator
n Soft-start function reduces in-rush current during start-up
n Output switch protected by current limit, under-voltage
lockout, and thermal shutdown
Typical Applications
n Simple boost regulator
n Flyback and forward regulators
n Multiple-output regulator
Typical Application
Ordering Information
Temperature
Range
Package
Type
Output Voltage
NSC
12V
15V
ADJ
Package Package
Drawing
−40˚C
≤ T
A ≤ +125˚C
24-Pin Surface Mount
LM2577M-12
LM2577M-15
LM2577M-ADJ
M24B
SO
16-Pin Molded DIP
LM2577N-12
LM2577N-15
LM2577N-ADJ
N16A
N
5-Lead Surface Mount
LM2577S-12
LM2577S-15
LM2577S-ADJ
TS5B
TO-263
5-Straight Leads
LM2577T-12
LM2577T-15
LM2577T-ADJ
T05A
TO-220
5-Bent Staggered
LM2577T-12
LM2577T-15
LM2577T-ADJ
T05D
TO-220
Leads
Flow LB03
Flow LB03
Flow LB03
−55˚C
≤ T
A ≤ +150˚C
4-Pin TO-3
LM1577K-12/883 LM1577K-15/883
LM1577K-
ADJ/883
K04A
TO-3
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
DS011468-1
Note: Pin numbers shown are for TO-220 (T) package.
June 1999
© 1999 National Semiconductor Corporation
DS011468
www.national.com


Similar Part No. - LM1577

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
1Mb / 31P
SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI1-LM1577 Datasheet
4Mb / 42P
SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
SIMPLE SWITCHER-R Step-Up Voltage Regulator
LM1577K-12 NSC-LM1577K-12 Datasheet
862Kb / 27P
SIMPLE SWITCHER-R Step-Up Voltage Regulator
LM1577K-15 NSC-LM1577K-15 Datasheet
862Kb / 27P
SIMPLE SWITCHER-R Step-Up Voltage Regulator
More results

Similar Description - LM1577

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
Simple Step-Up Voltage Regulator
logo
National Semiconductor ...
LM15777 NSC-LM15777 Datasheet
862Kb / 27P
SIMPLE SWITCHER-R Step-Up Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
Simple Step-Up Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com