Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577
Description  SIMPLE SWITCHER Step-Up Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM1577 Datasheet HTML 15Page - National Semiconductor (TI) LM1577 Datasheet HTML 16Page - National Semiconductor (TI) LM1577 Datasheet HTML 17Page - National Semiconductor (TI) LM1577 Datasheet HTML 18Page - National Semiconductor (TI) LM1577 Datasheet HTML 19Page - National Semiconductor (TI) LM1577 Datasheet HTML 20Page - National Semiconductor (TI) LM1577 Datasheet HTML 21Page - National Semiconductor (TI) LM1577 Datasheet HTML 22Page - National Semiconductor (TI) LM1577 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Application Hints (Continued)
FLYBACK REGULATOR
A Flyback regulator can produce single or multiple output
voltages that are lower or greater than the input supply volt-
age.
Figure 18 shows the LM1577/LM2577 used as a fly-
back regulator with positive and negative regulated outputs.
Its operation is similar to a step-up regulator, except the out-
put switch contols the primary current of a flyback trans-
former. Note that the primary and secondary windings are
out of phase, so no current flows through secondary when
current flows through the primary. This allows the primary to
charge up the transformer core when the switch is on. When
the switch turns off, the core discharges by sending current
through the secondary, and this produces voltage at the out-
puts. The output voltages are controlled by adjusting the
peak primary current, as described in the step-up regulator
section.
Voltage and current waveforms for this circuit are shown in
Figure 17, and formulas for calculating them are given in Fig-
ure 19.
FLYBACK REGULATOR DESIGN PROCEDURE
1. Transformer Selection
A family of standardized flyback transformers is available for
creating flyback regulators that produce dual output volt-
ages, from ±10V to ±15V, as shown in
Figure 18. Figure
20lists these transformers with the input voltage, output volt-
ages and maximum load current they are designed for.
2. Compensation Network (C
C,RC) and
Output Capacitor (C
OUT) Selection
As explained in the Step-Up Regulator Design Procedure,
C
C,RC and COUT must be selected as a group. The following
procedure is for a dual output flyback regulator with equal
turns ratios for each secondary (i.e., both output voltages
have the same magnitude). The equations can be used for a
single output regulator by changing
∑I
LOAD(max) to ILOAD(max)
in the following equations.
A. First, calculate the maximum value for R
C.
Where
∑I
LOAD(max) is the sum of the load current (magni-
tude) required from both outputs. Select a resistor less than
or equal to this value, and no greater than 3 k
Ω.
B. Calculate the minimum value for
∑C
OUT (sum of COUT
at both outputs) using the following two equations.
The larger of these two values must be used to ensure regu-
lator stability.
DS011468-17
FIGURE 17. Flyback Regulator Waveforms
DS011468-18
T1 = Pulse Engineering, PE-65300
D1, D2 = 1N5821
FIGURE 18. LM1577-ADJ/LM2577-ADJ Flyback Regulator with ± Outputs
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com