Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577
Description  SIMPLE SWITCHER Step-Up Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM1577 Datasheet HTML 18Page - National Semiconductor (TI) LM1577 Datasheet HTML 19Page - National Semiconductor (TI) LM1577 Datasheet HTML 20Page - National Semiconductor (TI) LM1577 Datasheet HTML 21Page - National Semiconductor (TI) LM1577 Datasheet HTML 22Page - National Semiconductor (TI) LM1577 Datasheet HTML 23Page - National Semiconductor (TI) LM1577 Datasheet HTML 24Page - National Semiconductor (TI) LM1577 Datasheet HTML 25Page - National Semiconductor (TI) LM1577 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Application Hints (Continued)
DS011468-20
T1 = Pulse Engineering, PE-65300
D1, D2 = 1N5821
FIGURE 22. Flyback Regulator Easily Provides Dual Outputs
DS011468-21
FIGURE 23. Line Regulation (Typical) of Flyback
Regulator of
Figure 22, +15V Output
DS011468-23
A: Output Voltage Change, 100 mV/div
B: Output Current, 100 mA/div
Horizontal: 10 ms/div
FIGURE 24. Load Transient Response of Flyback
Regulator of
Figure 22, +15V Output
DS011468-22
FIGURE 25. Line Regulation (Typical) of Flyback
Regulator of
Figure 22, −15V Output
DS011468-24
A: Output Voltage Change, 100 mV/div
B: Output Current, 100 mA/div
Horizontal: 10 ms/div
FIGURE 26. Load Transient Response of Flyback
Regulator of
Figure 22, −15V Output
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com