Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JB5 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # JB5
Description  Compact Push-Pull Circular Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB5 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  JB5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MB-0101-4
3/8
JAE PMK Div. Proprietary. Copyright © 2009,Japan Aviation Electronics Industry, Ltd.
Ordering Information
[Receptacle]
[Plug]
JB5
C S 08 A
N
*
0 N
JB5 Series
Termination
A: Through-hole type (socket)
F: Soldering connection (socket)
Contact Size
N:♯26, M: #24, L #22
Shell Size
S : Outer dia. of mating area
(10 dia. to 15 dia.)
Mounting Configuration
C: Panel attachment type
receptacle
(jam nut type)
Color Code (Assembly Nut Color)
0: None (standard product)
1: Black
2: Blue
3: Red
4: Yellow
No. of Contacts
03: 3 pos.
04: 4 pos.
05: 5 pos.
06: 6 pos.
08: 8 pos.
JB5
D
S
08
M
N
*
1 N
Termination
M: Soldering type (pin)
Contact Size
N:♯26, M: #24, L #22
Shell Size
S : Outer dia. of mating area
(10 dia. to 15 dia.)
Mounting
Configuration
D : Straight plug
Color Code (Boot Color)
0 : Without boot
1 : Black (standard product)
2 : Blue
3 : Red
4 : Yellow
No. of Contacts
03: 3 pos.
04: 4 pos.
05: 5 pos.
06: 6 pos.
08: 8 pos.
JB5 Series
Applicable Diameter of
Cabtire Cable
1: 4.5 dia. to 5.0 dia
Modification Code
Identification Code
Identification Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com