Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JB5 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # JB5
Description  Compact Push-Pull Circular Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB5 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  JB5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MB-0101-4
5/8
JAE PMK Div. Proprietary. Copyright © 2009,Japan Aviation Electronics Industry, Ltd.
Jam Nut Receptacle (Soldering Connection Type)
Dust Cap
Dust Cap
SJ104333
JB5CS08FN *0
8 pos.
SJ104331
JB5CS06FN *0N
6 pos.
SJ104328
JB5CS05FM *0N
5 pos.
SJ104325
JB5CS04FM *0N
4 pos.
SJ104322
JB5CS03FL *0N
3 pos.
SJ Drawing
Part Number
No. of
Contacts
Cross-section A-A
Assembly nut color
indication
Panel Cutout (for reference)
Panel thickness: 2.5mm max.
(Width of Plane)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com