Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JB5 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JB5
Description  Compact Push-Pull Circular Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB5 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JB5 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JB5 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/8
MB-0101-4
August 2009
JAE PMK Div. Proprietary. Copyright © 2009,Japan Aviation Electronics Industry, Ltd.
Features
JB5 Series
Compact Push-Pull Circular Connector
General Specifications
<<Outline>>
The JB5 Series connectors are small circular connectors with IP68 waterproof rating
and a push-pull mating structure to enable easy insertion and removal. They have high
environmental durability and user-friendly designs that can be widely used in medical,
measurement, and communication equipment, as well as handheld PCs, scanners and
other small equipment.
Waterproof and dustproof rating: IP68 protection level (when mated, and for the
receptacle alone)
Small 14.8mm diameter available for connectors up to 8 contacts
(plug outside diameter: 11mm dia.)
Push-pull mating structure enables easy one-handed insertion and removal
Audible and tactile “click” confirms secure locking when mating
Metal outer parts and ground terminal in the receptacle ensure excellent shielding
Mis-mating can be visibly prevented with color variation of plug boots
Connector mating life: 5,000 times
Plug
Receptacle
RoHS Compliant
No. of Contacts
3 pos.
4 pos.
5 pos.
6 pos.
8 pos.
Rated Current
Rated Voltage
Operating Temperature
Water-proof
Durability
Applicable Wire
22 AWG max.
Applicable Dia. of Cable
5000 mating cycles
24 AWG max.
28 AWG max.
Max. outer dia. of cable: 4.5 to 5mm
-55 Deg. C to +85 Deg. C
IP68 (when mated and receptacle alone)
2A per pos.
3A per pos.
320VAC
200VAC


Similar Part No. - JB5

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
JB55 KNIGHTSBRIDGE-JB55 Datasheet
144Kb / 1P
IP55 Weatherproof Garden box - grey
17/04/2024
JB55BK KNIGHTSBRIDGE-JB55BK Datasheet
154Kb / 1P
IP55 Weatherproof Garden box - black
17/04/2024
logo
Cree, Inc
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
Cree짰 J Series??5630 LEDs
logo
Japan Aviation Electron...
JB5CS03AL00-RK JAE-JB5CS03AL00-RK Datasheet
100Kb / 3P
Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 3 pos., Panel mount receptacle (Through-hole)
JB5CS03AL00N-RK JAE-JB5CS03AL00N-RK Datasheet
99Kb / 3P
Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 3 pos., Panel mount receptacle (Through-hole)
More results

Similar Description - JB5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
Push-Pull Circular Plastic Connectors
RP13A-12PA-13SC HIROSE-RP13A-12PA-13SC Datasheet
431Kb / 12P
Push-Pull Lock Connector
RP13A-12PA-13SC HIROSE-RP13A-12PA-13SC_1 Datasheet
575Kb / 12P
Push-Pull Lock Connector
HR25A-7P-8P HIROSE-HR25A-7P-8P Datasheet
813Kb / 9P
Miniature Push-Pull Circular Connectors
logo
Glenair, Inc.
804-005-00 GLENAIR-804-005-00 Datasheet
194Kb / 1P
Push-Pull Mighty Mouse Connector
804-005-07 GLENAIR-804-005-07 Datasheet
191Kb / 1P
Push-Pull Mighty Mouse Connector
804-006-00 GLENAIR-804-006-00 Datasheet
195Kb / 1P
Push-Pull Mighty Mouse Connector
logo
Hirose Electric
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
Push-Pull Circular connectors
2018/12
logo
LEMO Connectors
EPA.00.250.NTN LEMO-EPA.00.250.NTN Datasheet
41Kb / 2P
Circular Push Pull Connectors STRT RECPT FOR PCB
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com