Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK12429 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK12429
Description  25-400 MHz differential PECL clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK12429 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK12429 Datasheet HTML 2Page - NXP Semiconductors PCK12429 Datasheet HTML 3Page - NXP Semiconductors PCK12429 Datasheet HTML 4Page - NXP Semiconductors PCK12429 Datasheet HTML 5Page - NXP Semiconductors PCK12429 Datasheet HTML 6Page - NXP Semiconductors PCK12429 Datasheet HTML 7Page - NXP Semiconductors PCK12429 Datasheet HTML 8Page - NXP Semiconductors PCK12429 Datasheet HTML 9Page - NXP Semiconductors PCK12429 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product data
PCK12429
25–400 MHz differential PECL clock generator
2002 Jun 03
6
affect the FOUT output pair. To use the serial port the S_CLOCK
signal samples the information on the S_DATA line and loads it into
a 14-bit shift register. Note that the P_LOAD signal must be HIGH
for the serial load operation to function. The Test register is loaded
with the first three bits, the N register with the next two, and the M
register with the final eight bits of the data stream on the S_DATA
input. For each register the most significant bit is loaded first (T2,
N1, and M8). A pulse on the S_LOAD pin after the shift register is
fully loaded will transfer the divide values into the counters. The
HIGH_to_LOW transition on the S_LOAD input will latch the new
divide values into the counters. Figure 1 illustrates the timing
diagram for both a parallel and a serial load of the PCK12429
synthesizer.
M[8:0] and N[1:0] are normally specified once at power-up through
the parallel interface, and then possibly again through the serial
interface. This approach allows the application to come up at one
frequency and then change or fine-tune the clock as the ability to
control the serial interface becomes available. To minimize
transients in the frequency domain, the output should be varied in
the smallest step size possible. The bandwidth of the PLL is such
that frequency stepping in 1 MHz steps at the maximum S_CLOCK
frequency or less will cause smooth, controlled slewing of the output
frequency.
The TEST output provides visibility for one of the several internal
nodes as determined by the T[2:0] bits in the serial configuration
stream. It is not configurable through the parallel interface. Although
it is possible to select the node that represents FOUT, the CMOS
output may may not be able to toggle fast enough for some of the
higher output frequencies. The T2, T1, and T0 control bits are preset
to ‘000’ when P_LOAD is LOW so that the PECL FOUT outputs are
as jitter-free as possible. Any active signal on the TEST output pin
will have detrimental affects on the jitter of the PECL output pair. In
normal operations, jitter specifications are only guaranteed if the
TEST output is static. The serial configuration port can be used to
select one of the alternate functions for this pin.
Most of the signals available on the TEST output pin are useful only
for performance verification of the PCK12429 itself. However, the
PLL bypass mode may be of interest at the board level for functional
debug. When T[2:0] is set to 110 the PCK12429 is placed in PLL
bypass mode. In this mode the S_CLOCK input is fed directly into
the M and N dividers. The N divider drives the FOUT differential pair
and the M counter drives the TEST output pin. In this mode the
S_CLOCK input could be used for low speed broad level functional
test or debug. Bypassing the PLL and driving FOUT directly, gives
the user more control on the test clocks sent through the clock tree.
Figure 2 shows the functional setup of the PLL bypass mode.
Because the S_CLOCK is a CMOS level the input frequency is
limited to 250 MHz or less. This means the fastest the FOUT pin can
be toggled via the S_CLOCK is 125 MHz, as the minimum divide
ratio of the N counter is 2. Note that the M counter output on the
TEST output will not be a 50% duty cycle due to the way the divider
is implemented.
Table 1. Test modes
T2
T1
T0
TEST (Pin 20)
0
0
0
SHIFT REGISTER OUT
0
0
1
HIGH
0
1
0
FREF
0
1
1
M COUNTER OUT
1
0
0
FOUT
1
0
1
LOW
1
1
0
PLL BYPASS
1
1
1
FOUT/4
S_CLOCK
SW00729
T2
S_DATA
T1 T0 N1 N0 M8 M7 M6 M5 M4 M3 M2 M1
M0
S_LOAD
First
Bit
Last
Bit
M, N
M[8:0]
N[1:0]
P_LOAD
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com