Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK12429 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK12429
Description  25-400 MHz differential PECL clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK12429 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK12429 Datasheet HTML 5Page - NXP Semiconductors PCK12429 Datasheet HTML 6Page - NXP Semiconductors PCK12429 Datasheet HTML 7Page - NXP Semiconductors PCK12429 Datasheet HTML 8Page - NXP Semiconductors PCK12429 Datasheet HTML 9Page - NXP Semiconductors PCK12429 Datasheet HTML 10Page - NXP Semiconductors PCK12429 Datasheet HTML 11Page - NXP Semiconductors PCK12429 Datasheet HTML 12Page - NXP Semiconductors PCK12429 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product data
PCK12429
25–400 MHz differential PECL clock generator
2002 Jun 03
9
Power supply filtering
The PCK12429 is a mixed analog/digital product and as such it
exhibits some sensitivities that would not necessarily be seen on a
fully digital product. Analog circuitry is naturally susceptible to
random noise, especially if this noise is seen on the power supply
pins. The PCK12429 provides separate power supplies for the
digital circuitry (VCC) and the internal PLL (PLL_VCC) of the device.
The purpose of this design technique is to try and isolate the high
switching noise digital outputs from the relatively sensitive internal
analog phase-locked loop. In a controlled environment such as an
evaluation board, this level of isolation is sufficient. However, in a
digital system environment where it is more difficult to minimize
noise on the power supplies, a second level of isolation may be
required. The simplest form of isolation is a power supply filter on
the PLL_VCC pin for the PCK12429.
Figure 3 illustrates a typical power supply filter scheme. The
PCK12429 is most susceptible to noise with spectral content in the
1 kHz to 2 MHz range. A good choice of pole placement should be
close to 32 kHz. Therefore the filter should be designed to target this
range. The key parameter that needs to be met in the final filter
design is the DC voltage drop that will be seen between the VCC
supply and the PLL_VCC pin of the PCK12429. From the data sheet
the IPLL_VCC current (the current sourced through the PLL_VCC pin)
is typically 15 mA (20 mA maximum), assuming that a minimum of
3.0 V must be maintained on the PLL_VCC pin, very little DC voltage
drop can be tolerated when a 3.3 V VCC supply is used. The resistor
shown in Figure 3 must have a resistance of 10–15
Ω to meet the
voltage drop criteria. The RC filter pictured will provide a broadband
filter with approximately 100:1 attenuation for noise whose spectral
content is above 20 kHz. As the noise frequency crosses the series
resonant point of an individual capacitor, its overall impedance
begins to look inductive and thus increases with increasing
frequency. The parallel capacitor combination shown ensures that a
low impedance path to ground exists for frequencies well above the
bandwidth of the PLL.
VCC
SW00745
PLL_VCC
PCK12429
0.01
µF
22
µF
RS = 10–15 Ω
L = 1000
µH
R = 15
Ω
3.3 V
3.3 V
Figure 3. Power supply filter
A higher level of attenuation can be achieved by replacing the
resistor with an appropriate valued inductor. Figure 3 shows a
1000
µH choke, this value choke will show a significant impedance
at 10 KHz frequencies and above. Because of the current draw and
the voltage that must be maintained on the PLL_VCC pin, a low DC
resistance inductor is required (less than 15
Ω). Generally the
resistor/capacitor filter will be cheaper, easier to implement, and
provide an adequate level of supply filtering.
The PCK12429 provides sub-nanosecond output edge rates, and
thus a good power supply bypassing scheme is a must. Figure 4
shows a representative board layout for the PCK12429. There exists
many different potential board layouts and the one pictured is but
one. The important aspect of the layout in Figure 4 is the low
impedance connections between VCC and GND for the bypass
capacitors. Combining good quality general purpose chip capacitors
with good PCB layout techniques will produce effective capacitor
resonances at frequencies adequate to supply the instantaneous
switching current for the PCK12429 outputs. It is imperative that low
inductance chip capacitors are used; it is equally important that the
board layout does not introduce back all of the inductance saved by
using the leadless capacitors. Thin interconnect traces between the
capacitor and the power plane should be avoided and multiple large
vias should be used to tie the capacitors to the buried power planes.
Fat interconnect and large vias will help to minimize layout induced
inductance and thus maximize the series resonant point of the
bypass capacitors.
SW00746
Xtal
1
C3
C2
= VCC
= GND
= Via
C1
C1
R1 = 10–15
Ω
C1 = 0.01
µF
C2 = 22
µF
C3 = 0.1
µF
R1
Figure 4. PCB board layout for PCK12429
Note the dotted lines circling the crystal oscillator connection to the
device. The oscillator is a series resonant circuit and the voltage
amplitude across the crystal is relatively small. It is imperative that
no actively switching signals cross under the crystal, as crosstalk
energy coupled to these lines could significantly impact the jitter of
the device. Special attention should be paid to the layout of the
crystal to ensure a stable, jitter free interface between the crystal
and the on-board oscillator.
Although the PCK12429 has several design features to minimize the
susceptibility to power supply noise (isolated power and grounds
and fully differential PLL) there still may be applications in which
overall performance is being degraded due to system power supply
noise. The power supply filter and bypass schemes discussed in this
section should be adequate to eliminate power supply noise related
problems in most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com