Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK12429 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK12429
Description  25-400 MHz differential PECL clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK12429 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK12429 Datasheet HTML 1Page - NXP Semiconductors PCK12429 Datasheet HTML 2Page - NXP Semiconductors PCK12429 Datasheet HTML 3Page - NXP Semiconductors PCK12429 Datasheet HTML 4Page - NXP Semiconductors PCK12429 Datasheet HTML 5Page - NXP Semiconductors PCK12429 Datasheet HTML 6Page - NXP Semiconductors PCK12429 Datasheet HTML 7Page - NXP Semiconductors PCK12429 Datasheet HTML 8Page - NXP Semiconductors PCK12429 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Philips
Semiconductors
PCK12429
25–400 MHz differential PECL
clock generator
Product data
Supersedes data of 2002 Mar 15
2002 Jun 03
INTEGRATED CIRCUITS


Similar Part No. - PCK12429

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
PCK111BD PHILIPS-PCK111BD Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
More results

Similar Description - PCK12429

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
Low-Voltage PECL Differential Clock
July 2001
logo
Motorola, Inc
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
High-Frequency Programmable PECL Clock Generator
logo
Motorola, Inc
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
High Frequency Programmable PECL Clock Generator
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
logo
Analog Devices
HMC1033LP6GE AD-HMC1033LP6GE Datasheet
1Mb / 40P
HigH Performance, 3.3 V clock generator 25 - 550 mHz
HMC1035LP6GE AD-HMC1035LP6GE Datasheet
2Mb / 39P
HigH Performance, 3.3 V clock generator 25 - 2500 mHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com