Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8718SA Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 74Page - Infineon Technologies AG TLE8718SA Datasheet HTML 75Page - Infineon Technologies AG TLE8718SA Datasheet HTML 76Page - Infineon Technologies AG TLE8718SA Datasheet HTML 77Page - Infineon Technologies AG TLE8718SA Datasheet HTML 78Page - Infineon Technologies AG TLE8718SA Datasheet HTML 79Page - Infineon Technologies AG TLE8718SA Datasheet HTML 80Page - Infineon Technologies AG TLE8718SA Datasheet HTML 81Page - Infineon Technologies AG TLE8718SA Datasheet HTML 82Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
TLE 8718 SA
Application Information
Data Sheet
79
Rev. 1.1, 2012-07-31
13
Application Information
Figure 26
Application Diagram (LVDS configuration)
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
Note: The information is given as a hint for the implementation of the device only and shall not be regarded as a
description or warranty of a certain functionality, condition or quality of the device.
SIN
SIP
FCLP
FCLN
SSY
SDO
OUT1
Reset
VDD
Monitoring
Power
Logic
8A/55V
GNDABE
ABE
RST
DIS5_10
SI
FCL
Enable
SVBATT
ApplDiagr .vsd
DELAYIN
DELAYOUT
*1 - all trace length at pin typ 50mm
*2 – connected together without parasitic resistor inbetween
*3 - capacitor located close to the connector
*5 - capacitor located close to the IC
Very good GND -
connection ; no bouncing
due to load trancients .
3kΩ *1
47nF
*5
EXTERNAL COMPONENTS.
Ceramic 4,7nF : TDK, Typ C1608 X7R2A472K
Ceramic 47nF : TDK, Typ C1005 X7R1C473K
Ceramic 100 nF : TDK, Typ C1608 X7R1H104K
Electrolytic 220µF : Nippon Chemi -Con, Typ MVH50VC220 MTPK14
Or similar types to achieve the needed ESD -performance
Slug
PCB-
Connector
PCB-
Connector
3.3 or 5V
GND
Max. ± 0.3V
VBAT
VBAT
LLOAD
RLOAD
parasitic R
from micro controller
5kΩ
from micro controller
OUT2
3A/55V
OUT3
8A/55V
OUT4
3A/55V
OUT5
2.2A/55V
OUT6
2.2A/55V
OUT7
2.2A/55V
OUT8
2.2A/55V
OUT9
2.2A/55V
OUT10
2.2A/55V
OUT11
2.2A/55V
OUT12
2.2A/55V
OUT13
2.2A/55V
OUT14
2.2A/55V
OUT15
0.6A/55V
OUT16
0.6A/55V
OUT17
0.6A/55V
OUT18
0.6A/55V
3.3 or 5V
5kΩ
5V
5kΩ
10kΩ *1
Battery
Voltage
Monitoring
47nF
*5
PGND
VDD
47µF
100 nF
Supply
5V
4.7nF
*3
100nF
220µF
parasitic R
4.7nF *3
Reverse
Polarity
Protection
100Ω
100Ω
5V
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
4.7nF *3
*2
*2
from micro controller
from micro controller
from micro controller
to micro controller
to micro controller
from micro controller
to micro controller
to micro controller
from micro controller
to micro controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com