Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8718SA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 5Page - Infineon Technologies AG TLE8718SA Datasheet HTML 6Page - Infineon Technologies AG TLE8718SA Datasheet HTML 7Page - Infineon Technologies AG TLE8718SA Datasheet HTML 8Page - Infineon Technologies AG TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG TLE8718SA Datasheet HTML 11Page - Infineon Technologies AG TLE8718SA Datasheet HTML 12Page - Infineon Technologies AG TLE8718SA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
TLE 8718 SA
Pin Configuration
Data Sheet
9
Rev. 1.1, 2012-07-31
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1, 2
OUT11)
Drain Connection of Power stage.
Short circuit proof
Individually protected against overtemperature
diagnostic functions
control via MSC
Clamping of the output voltage by zener diodes
36
OUT2
17, 18
OUT32)
19
OUT4
3OUT5
35
OUT6
16
OUT7
20
OUT8
4OUT9
34
OUT10
15
OUT11
21
OUT12
5OUT13
33
OUT14
14
OUT15
22
OUT16
6OUT17
32
OUT18
9
DIS5_10
Disable pin for OUT5...OUT10 (low level disables OUT5...OUT10 after filtering time
(
t
DIS5_10) has expired). The thresholds are defined in Chapter 7 (active low, internal
pull-up)
7
DELAYIN
DELAYIN input (internal pull-down, active low): Disable pin for DELAYOUT after the
configurable filtering time (
t
DELAYIN) has expired and Reset pin for OUT15 and OUT16.
The thresholds are defined in Chapter 7.
8
DELAYOUT
Open drain output generating active low level if DELAYIN is low level (below
VDELAYIN_L) and tDELYAIN has expired, input ABE disables stages or VDD monitoring has
detected a supply voltage failure. See Chapter 7.
11
ABE
Bidirectional pin (active low).
Indicates VDD overvoltage and undervoltage condition by pulling ABE-pin low.
If forced to low from externally all stages are turned off.
12
GNDABE
Sense ground. Reference ground for
V
DD monitoring only. Connect this pin to ground.
13
VDD
Supply voltage 5V
24
SDO
MSC interface. Upstream data, open drain output
25
SSY
MSC interface. Chip select and synchronization strobe.
26
SIP
MSC interface. Downstream data positive for differential interface
27
SIN
MSC interface. Downstream data negative for differential interface
28
SI
MSC interface optional downstream data input for single ended interface
29
FCLP
MSC interface. Clock positive for differential interface
30
FCLN
MSC interface. Clock negative for differential interface
31
FCL
MSC interface optional clock input for single ended interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com