Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575S-12 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575S-12
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575S-12 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2575S-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
All Output Voltage Versions
Electrical Characteristics (Continued)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version,
and V
IN = 30V for the 15V version. ILOAD = 200 mA.
Symbol
Parameter
Conditions
Typ
LM1575-XX
LM2575-XX
Units
(Limits)
LM2575HV-XX
Limit
Limit
(Note 2)
(Note 3)
DEVICE PARAMETERS
θ
JA
Thermal Resistance
T Package, Junction to Ambient (Note 9)
65
θ
JA
T Package, Junction to Ambient (Note 10)
45
˚C/W
θ
JC
T Package, Junction to Case
2
θ
JA
N Package, Junction to Ambient (Note 11)
85
θ
JA
M Package, Junction to Ambient (Note 11)
100
θ
JA
S Package, Junction to Ambient (Note 12)
37
ON /OFF CONTROL Test Circuit Figure 2
V
IH
ON /OFF Pin Logic
V
OUT = 0V
1.4
2.2/2.4
2.2/2.4
V(Min)
V
IL
Input Level
V
OUT = Nominal Output Voltage
1.2
1.0/0.8
1.0/0.8
V(Max)
I
IH
ON /OFF Pin Input
ON /OFF Pin = 5V (OFF)
12
µA
Current
30
30
µA(Max)
I
IL
ON /OFF Pin = 0V (ON)
0µA
10
10
µA(Max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All limits are used to calculate Average
Outgoing Quality Level, and all are 100% production tested.
Note 3: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
Note 4: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the
LM1575/LM2575 is used as shown in the Figure 2 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics.
Note 5: Output (pin 2) sourcing current. No diode, inductor or capacitor connected to output pin.
Note 6: Feedback (pin 4) removed from output and connected to 0V.
Note 7: Feedback (pin 4) removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V versions, to force
the output transistor OFF.
Note 8: VIN = 40V (60V for the high voltage version).
Note 9: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with 1⁄2 inch leads in a socket, or on a PC
board with minimum copper area.
Note 10: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with 1⁄2 inch leads soldered to a PC board
containing approximately 4 square inches of copper area surrounding the leads.
Note 11: Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper area will lower
thermal resistance further. See thermal model in Switchers made Simple software.
Note 12: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally connected to the package: Using
0.5 square inches of copper area,
θJA is 50˚C/W; with 1 square inch of copper area, θJA is 37˚C/W; and with 1.6 or more square inches of copper area, θJA is 32˚C/W.
Note 13: The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output voltage to drop
approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the IC by lowering the minimum duty cycle
from 5% down to approximately 2%.
Note 14: Refer to RETS LM1575J for current revision of military RETS/SMD.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com