Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575S-12 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575S-12
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575S-12 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2575S-12 Datasheet HTML 1Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 2Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 3Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM1575/LM2575/LM2575HV
SIMPLE SWITCHER® 1A Step-Down Voltage Regulator
General Description
The LM2575 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving a 1A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5V, 12V, 15V, and an
adjustable output version.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation and a fixed-frequency oscillator.
The LM2575 series offers a high-efficiency replacement for
popular three-terminal linear regulators. It substantially re-
duces the size of the heat sink, and in many cases no heat
sink is required.
A standard series of inductors optimized for use with the
LM2575 are available from several different manufacturers.
This feature greatly simplifies the design of switch-mode
power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage within specified input voltages and output load
conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50 µA (typical) standby cur-
rent. The output switch includes cycle-by-cycle current limit-
ing, as well as thermal shutdown for full protection under
fault conditions.
Features
n
3.3V, 5V, 12V, 15V, and adjustable output versions
n
Adjustable version output voltage range,
1.23V to 37V (57V for HV version) ±4% max over
line and load conditions
n
Guaranteed 1A output current
n
Wide input voltage range, 40V up to 60V for HV version
n
Requires only 4 external components
n
52 kHz fixed frequency internal oscillator
n
TTL shutdown capability, low power standby mode
n
High efficiency
n
Uses readily available standard inductors
n
Thermal shutdown and current limit protection
n
P
+ Product Enhancement tested
Applications
n
Simple high-efficiency step-down (buck) regulator
n
Efficient pre-regulator for linear regulators
n
On-card switching regulators
n
Positive to negative converter (Buck-Boost)
Typical Application (Fixed Output Voltage
Versions)
01147501
Note: Pin numbers are for the TO-220 package.
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
August 2004
© 2004 National Semiconductor Corporation
DS011475
www.national.com


Similar Part No. - LM2575S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575S-12 NSC-LM2575S-12 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575S-12 TI1-LM2575S-12 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575S-12 TI1-LM2575S-12 Datasheet
756Kb / 30P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575S-12 UMW-LM2575S-12 Datasheet
1Mb / 17P
2A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575S-12/NOPB TI1-LM2575S-12/NOPB Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM2575S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
Simple Switcher 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com