Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575S-12 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575S-12
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575S-12 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2575S-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2575S-12 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Typical Performance Characteristics (Circuit of Figure 2)
Normalized Output Voltage
Line Regulation
01147532
01147533
Dropout Voltage
Current Limit
01147534
01147535
Quiescent Current
Standby
Quiescent Current
01147536
01147537
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com