| Electronic Components Datasheet Search |
|
MCP39F521 Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP39F521 Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 52 page ![]() 2015 Microchip Technology Inc. DS20005442A-page 27 MCP39F521 6.0 REGISTER DESCRIPTIONS 6.1 Complete Register Map The following table describes the registers for the MCP39F521 device. TABLE 6-1: MCP39F521 REGISTER MAP Address Register Name Section Number Read/ Write Data Type Description Output Registers 0x0000 Instruction Pointer 6.2 R u16 Address pointer for read or write commands 0x0002 System Status 6.3 R b16 System Status Register 0x0004 System Version 6.4 R u16 System version date code information for MCP39F521, set at Microchip factory; format YMDD 0x0006 Voltage RMS 5.4 R u16 RMS Voltage output 0x0008 Line Frequency 8.6 R u16 Line Frequency output 0x000A Analog Input Voltage 5.11 R u16 Output of the 10-bit SAR ADC 0x000C Power Factor 5.9 R s16 Power Factor output 0x000E Current RMS 5.4 R u32 RMS Current output 0x0012 Active Power (Note 1) 5.8 R u32 Active Power output 0x0016 Reactive Power (Note 1) 5.10 R u32 Reactive Power output 0x001A Apparent Power 5.7 R u32 Apparent Power output 0x001E Import Active Energy Counter 5.6 R u64 Accumulator for Active Energy, Import 0x0026 Export Active Energy Counter 5.6 R u64 Accumulator for Active Energy, Export 0x002E Import Reactive Energy Counter 5.6 R u64 Accumulator for Reactive Energy, Import 0x0036 Export Reactive Energy Counter 5.6 R u64 Accumulator for Reactive Energy, Export 0x003E Minimum Record 1 5.12 R u32 Minimum Value of the Output Quantity Address in Min/Max Pointer 1 Register 0x0042 Minimum Record 2 5.12 R u32 Minimum Value of the Output Quantity Address in Min/Max Pointer 2 Register 0x0046 Reserved — R u32 Reserved 0x004A Reserved — R u32 Reserved 0x004E Maximum Record 1 5.12 R u32 Maximum Value of the Output Quantity Address in Min/Max Pointer 1 Register 0x0052 Maximum Record 2 5.12 R u32 Maximum Value of the Output Quantity Address in Min/Max Pointer 2 Register 0x0056 Reserved — R u32 Reserved 0x005A Reserved — R u32 Reserved Note 1: The registers are unsigned, however their sign is kept as a separate bit in the System Status Register (Register 6-1). 2: These registers are reserved for EMI filter compensation when necessary for power supply monitoring. They may require specific adjustment depending on PSU parameters; please contact the local Microchip office for further support. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |