Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F521 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP39F521 Datasheet HTML 30Page - Microchip Technology MCP39F521 Datasheet HTML 31Page - Microchip Technology MCP39F521 Datasheet HTML 32Page - Microchip Technology MCP39F521 Datasheet HTML 33Page - Microchip Technology MCP39F521 Datasheet HTML 34Page - Microchip Technology MCP39F521 Datasheet HTML 35Page - Microchip Technology MCP39F521 Datasheet HTML 36Page - Microchip Technology MCP39F521 Datasheet HTML 37Page - Microchip Technology MCP39F521 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MCP39F521
DS20005442A-page 34
 2015 Microchip Technology Inc.
6.6
Range Register
The Range register (Register 6-4) is a 32-bit register
that contains the number of right-bit shifts for the
following outputs, divided into separate bytes as
defined below:
• RMS Current
•RMS Voltage
• Power (Active, Reactive, Apparent)
Note that the power range byte operates across both
the active and reactive output registers and sets the
same scale.
The purpose of this register is two-fold: the number of
right-bit shifting (division by 2RANGE) must be high
enough to prevent overflow in the output register, and
low enough to allow for the desired output resolution. It
is the user’s responsibility to set this register correctly
to ensure proper output operation for a given meter
design.
For further information and example usage, see
Section 8.3, Single-Point Gain Calibrations at Unity
Power Factor
.
.
REGISTER 6-4:
RANGE REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
POWER<7:0>
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
CURRENT<7:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
VOLTAGE<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-24
Unimplemented:
Read as ‘0’
bit 23-16
POWER<7:0>:
Sets the number of right-bit shifts for the Active and Reactive Power output registers
bit 15-8
CURRENT<7:0>:
Sets the number of right-bit shifts for the Current RMS output register
bit 7-0
VOLTAGE<7:0>:
Sets the number of right-bit shifts for the Voltage RMS output register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com