Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP39F521 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP39F521
Description  I2C Power Monitor with Calculation and Energy Accumulation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F521 Datasheet(HTML) 4 Page - Microchip Technology

  MCP39F521 Datasheet HTML 1Page - Microchip Technology MCP39F521 Datasheet HTML 2Page - Microchip Technology MCP39F521 Datasheet HTML 3Page - Microchip Technology MCP39F521 Datasheet HTML 4Page - Microchip Technology MCP39F521 Datasheet HTML 5Page - Microchip Technology MCP39F521 Datasheet HTML 6Page - Microchip Technology MCP39F521 Datasheet HTML 7Page - Microchip Technology MCP39F521 Datasheet HTML 8Page - Microchip Technology MCP39F521 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MCP39F521
DS20005442A-page 4
 2015 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
DVDD .................................................................. -0.3 to +4.5V
AVDD .................................................................. -0.3 to +4.0V
Digital inputs and outputs w.r.t. AGND...............-0.3V to +4.0V
Analog Inputs (I+,I-,V+,V-) w.r.t. AGND ...................-2V to +2V
VREF input w.r.t. AGND ........................ ....-0.6V to AVDD +0.6V
Maximum Current out of DGND pin..............................300 mA
Maximum Current into DVDD pin.................................250 mA
Maximum Output Current Sunk by Digital IO ................25 mA
Maximum Current Sourced by Digital IO.......................25 mA
Storage temperature .....................................-65°C to +150°C
Ambient temperature with power applied......-40°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) .................4.0 kV, 200V
ESD on all other pins (HBM,MM) ........................4.0 kV, 200V
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
1.1
Specifications
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = 2.7 to 3.6V, TA = -40°C
to +125°C, MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Power Measurement
Active Power (Note 1)
P
—
±0.1
—
%
4000:1 Dynamic Range on
Current Channel (Note 2)
Reactive Power (Note 1)
Q
—
±0.1
—
%
4000:1 Dynamic Range on
Current Channel (Note 2)
Apparent Power (Note 1)
S
—
±0.1
—
%
4000:1 Dynamic Range on
Current Channel (Note 2)
Current RMS (Note 1)
IRMS
—
±0.1
—
%
4000:1 Dynamic Range on
Current Channel (Note 2)
Voltage RMS (Note 1)
VRMS
—
±0.1
—
%
4000:1 Dynamic Range on
Voltage Channel (Note 2)
Power Factor (Note 1)
—±0.1
—
%
Line Frequency (Note 1)
LF
—
±0.1
—
%
Note 1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation
interval of 4 line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or
TCAL = 80 ms for 50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0, Typical
Performance Curves
for typical performance.
6:
VIN =1VPP =353 mVRMS @ 50/60 Hz.
7:
Variation applies to internal clock and I2C only. All calculated output quantities are temperature
compensated to the performance listed in the respective specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com