Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1865M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1865M
Description  Advanced FM IF System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1865M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1865M Datasheet HTML 1Page - National Semiconductor (TI) LM1865M Datasheet HTML 2Page - National Semiconductor (TI) LM1865M Datasheet HTML 3Page - National Semiconductor (TI) LM1865M Datasheet HTML 4Page - National Semiconductor (TI) LM1865M Datasheet HTML 5Page - National Semiconductor (TI) LM1865M Datasheet HTML 6Page - National Semiconductor (TI) LM1865M Datasheet HTML 7Page - National Semiconductor (TI) LM1865M Datasheet HTML 8Page - National Semiconductor (TI) LM1865M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Electrical Characteristics Test Circuit TA e 25 C Va e 12V S1 in position 2 S2 in position 1 and S3 in
position 2 unless indicated otherwise (Continued)
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC CHARACTERISTICS
fMOD e 400 Hz fo e 107 MHz Deviation e g75 kHz (Continued)
Pin 13 MuteStop Threshold Voltage
V14 e V9 S1 in Position 4
220
mV
S2 in Position 3
V13 where V16
x Low
Amount of Muting (LM1965 Only)
S2 in Position 4 S1 in Position 1 VIF e 10 mV
66
dB
Amount of Muting with Pin 13 and
S1 in Position 1
0
dB
Pin 16 Grounded
V14 e V9 VIF e 10 mV
Narrow Band AGC Threshold
Increase IF Input until I AGC e 01 mA
100
210
300
m
Vrms
Pin 20 e 30 mVrms
Wide Band AGC Threshold
VIF e 100 mVrms
5
12
22
mVrms
Increase Signal to Pin 20 until IAGC e 01 mA
Pin 18 Low Output Voltage
VIN Pin 20 e 100 mV VIF e 100 mVrms
02
05
V
(LM1865 and LM1965 only)
Pin 18 High Output Voltage (LM2065 only)
VIN Pin 20 e 100 mV VIF e 100 mVrms (See Note 6)
117
V
Pin 8 Meter Output Voltage
VIF e 10 mV
01
V
VIF e 300 mV
11
V
VIF e 3 mV
26
V
Note 1
Above TA e 25 C derate based on TJ(max) e 150 C and iJA e 60 CW
Note 2
All data sheet specifications are for Va e 12V may change slightly with supply
Note 3
When the IF is preceded by 22 dB gain in the buffer excellent system sensitivity is achieved
Note 4
Measured with a notch at 60 Hz and 20 Hz to 100 kHz bandwidth
Note 5
FM modulate RF source with a 100 kHz audio signal and find what modulation level expressed as kHz deviation results in V16
x12V
Test Circuit
TLH7509 – 2
FIGURE 2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com