Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1865M Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1865M
Description  Advanced FM IF System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1865M Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1865M Datasheet HTML 2Page - National Semiconductor (TI) LM1865M Datasheet HTML 3Page - National Semiconductor (TI) LM1865M Datasheet HTML 4Page - National Semiconductor (TI) LM1865M Datasheet HTML 5Page - National Semiconductor (TI) LM1865M Datasheet HTML 6Page - National Semiconductor (TI) LM1865M Datasheet HTML 7Page - National Semiconductor (TI) LM1865M Datasheet HTML 8Page - National Semiconductor (TI) LM1865M Datasheet HTML 9Page - National Semiconductor (TI) LM1865M Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical Application
LAYOUT CONSIDERATIONS
Although the pinout of the LM1865 has been chosen to min-
imize layout problems some care is required to insure sta-
bility The ground terminal on CF1 should return to both
the input signal ground and the buffer ground pin 19 The
ground terminal on CF2 should return to the ground side of
C4 The quadrature coil T1 and inductor L1 should be sepa-
rated from the input circuitry as far as possible
PC Layout (Component Side)
TLH7509 – 6
PERFORMANCE CHARACTERISTICS OF TYPICAL
APPLICATION WITH TUNER
The following data was taken using the typical application
circuit in conjunction with an FM tuner with 43 dB of gain a
55 dB noise figure and 30 dB of AGC range The tuner was
driven from a 50X source 75 ms of de-emphasis was used
on the audio output pin 15 The 0 dB reference is for g75
kHz deviation at 400 Hz modulation
Meter Output and
Signal-to-Noise
vs Tuner Input
Total Harmonic Distortion vs
Tuner Input
AM Rejection vs Tuner
Input
TLH7509 – 7
b
3 dB limiting e 09 mV
30 dB quieting e 14 mV
Level stopmute threshold e 14 mV
Deviation mute window (b3 dB) e g45 kHz
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com