Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1865M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1865M
Description  Advanced FM IF System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1865M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1865M Datasheet HTML 1Page - National Semiconductor (TI) LM1865M Datasheet HTML 2Page - National Semiconductor (TI) LM1865M Datasheet HTML 3Page - National Semiconductor (TI) LM1865M Datasheet HTML 4Page - National Semiconductor (TI) LM1865M Datasheet HTML 5Page - National Semiconductor (TI) LM1865M Datasheet HTML 6Page - National Semiconductor (TI) LM1865M Datasheet HTML 7Page - National Semiconductor (TI) LM1865M Datasheet HTML 8Page - National Semiconductor (TI) LM1865M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Application Circuit
TLH7509 – 4
FIGURE 3
IC External Components (See Application Circuit)
Component
Typical Value
Comments
C1
001 mF
AC coupling for wide band AGC input
C2
001 mF
Buffer and AGC supply decoupling
C3 C4
001 mF
IF decoupling capacitors
C5
10 mF
Meter decoupling capacitor
C6
001 mF
AC coupling for IF output
C7
50 mF
Regulator decoupling capacitor affects SN floor
C8
22 mF
Level mutestop time constant
C9
5 mF
AFT decoupling affects stop time
C10
01 mF
Disables noise mutestop
C11
001 mF
AC coupling for noise mutestop threshold adjust
C12
25 mF
Supply decoupling
C13
001 mF
AGC output decoupling capacitor
R1
Tuner Dependent
Wide band AGC threshold adjust
R2 R3
Tuner Dependent
Gain set and bias for IF R2 a R3 e 330X to terminate ceramic filter
R4
Meter Dependent
Sets full-scale on meter
R5
5k1
Deviation mutestop window adjustment
R6
25k
Mutestop filter affects stop time
R7
5k
Level mutestop threshold adjustment
R8
10k Pot
Level mutestop threshold adjustment
R9
12k
Noise mutestop threshold adjustment decrease resistor for lower
SN at threshold for optimum performance over temp and gain varia-
tion set this resistor value so that the signal level mutestop threshold
occurs in the radio at 45dB SN (g3 dB) in mono
R10
10k
Load for open-collector stop output
R11
50k
AGC output load resistor for open-collector output
R12
3k9
Sets Q of quadrature coil affecting THD SN and recovered audio
R13
62X
Optimises minimum THD
L1
18 mHQul50
107 MHz
Sets signal swing across quadrature coil High Q is important to mini-
TDK Electronics
mize effect variation of Q has on both minimum THD and AFT offset
TPO410-180K or equivalent
T1
Qul70
107 MHz L to
107 MHz quadrature coil QUL l 70
resonate w82 pF
107 MHz
TOKO KAC-K2318HM or
equivalent
CF1 CF2
107 MHz ceramic resonators provide selectivity good group delay
Murata SFE107ML or equivalent
characteristics important for low THD of system
TLH7509 – 5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com