Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7032STC Datasheet(PDF) 2 Page - Altera Corporation

Part # 7032STC
Description  Programmable Logic Device Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

7032STC Datasheet(HTML) 2 Page - Altera Corporation

  7032STC Datasheet HTML 1Page - Altera Corporation 7032STC Datasheet HTML 2Page - Altera Corporation 7032STC Datasheet HTML 3Page - Altera Corporation 7032STC Datasheet HTML 4Page - Altera Corporation 7032STC Datasheet HTML 5Page - Altera Corporation 7032STC Datasheet HTML 6Page - Altera Corporation 7032STC Datasheet HTML 7Page - Altera Corporation 7032STC Datasheet HTML 8Page - Altera Corporation 7032STC Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
Altera Corporation
MAX 7000 Programmable Logic Device Family Data Sheet
...and More
Features
■
Open-drain output option in MAX 7000S devices
■
Programmable macrocell flipflops with individual clear, preset,
clock, and clock enable controls
■
Programmable power-saving mode for a reduction of over 50% in
each macrocell
■
Configurable expander product-term distribution, allowing up to
32 product terms per macrocell
■
44 to 208 pins available in plastic J-lead chip carrier (PLCC), ceramic
pin-grid array (PGA), plastic quad flat pack (PQFP), power quad flat
pack (RQFP), and 1.0-mm thin quad flat pack (TQFP) packages
■
Programmable security bit for protection of proprietary designs
■
3.3-V or 5.0-V operation
–MultiVoltTM I/O interface operation, allowing devices to
interface with 3.3-V or 5.0-V devices (MultiVolt I/O operation is
not available in 44-pin packages)
–
Pin compatible with low-voltage MAX 7000A and MAX 7000B
devices
■
Enhanced features available in MAX 7000E and MAX 7000S devices
–
Six pin- or logic-driven output enable signals
–
Two global clock signals with optional inversion
–
Enhanced interconnect resources for improved routability
–
Fast input setup times provided by a dedicated path from I/O
pin to macrocell registers
–
Programmable output slew-rate control
■
Software design support and automatic place-and-route provided by
Altera’s development system for Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations
Table 2. MAX 7000S Device Features
Feature
EPM7032S
EPM7064S
EPM7128S
EPM7160S
EPM7192S
EPM7256S
Usable gates
600
1,250
2,500
3,200
3,750
5,000
Macrocells
32
64
128
160
192
256
Logic array
blocks
24
8
10
12
16
Maximum
user I/O pins
36
68
100
104
124
164
tPD (ns)
5
5
6
6
7.5
7.5
tSU (ns)
2.9
2.9
3.4
3.4
4.1
3.9
tFSU (ns)
2.5
2.5
2.5
2.5
3
3
tCO1 (ns)
3.2
3.2
4
3.9
4.7
4.7
fCNT (MHz)
175.4
175.4
147.1
149.3
125.0
128.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com