Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7032STC Datasheet(PDF) 41 Page - Altera Corporation

Part # 7032STC
Description  Programmable Logic Device Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

7032STC Datasheet(HTML) 41 Page - Altera Corporation

Back Button 7032STC Datasheet HTML 37Page - Altera Corporation 7032STC Datasheet HTML 38Page - Altera Corporation 7032STC Datasheet HTML 39Page - Altera Corporation 7032STC Datasheet HTML 40Page - Altera Corporation 7032STC Datasheet HTML 41Page - Altera Corporation 7032STC Datasheet HTML 42Page - Altera Corporation 7032STC Datasheet HTML 43Page - Altera Corporation 7032STC Datasheet HTML 44Page - Altera Corporation 7032STC Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Altera Corporation
41
MAX 7000 Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
These values are specified under the recommended operating conditions shown in Table 14. See Figure 13 for more
information on switching waveforms.
(2)
This minimum pulse width for preset and clear applies for both global clear and array controls. The tLPA parameter
must be added to this minimum width if the clear or reset signal incorporates the tLAD parameter into the signal
path.
(3)
This parameter is a guideline that is sample-tested only and is based on extensive device characterization. This
parameter applies for both global and array clocking.
(4)
These parameters are measured with a 16-bit loadable, enabled, up/down counter programmed into each LAB.
(5)
The fMAX values represent the highest frequency for pipelined data.
(6)
Operating conditions: VCCIO = 3.3 V ± 10% for commercial and industrial use.
(7)
For EPM7064S-5, EPM7064S-6, EPM7128S-6, EPM7160S-6, EPM7160S-7, EPM7192S-7, and EPM7256S-7 devices,
these values are specified for a PIA fan-out of one LAB (16 macrocells). For each additional LAB fan-out in these
devices, add an additional 0.1 ns to the PIA timing value.
(8)
The tLPA parameter must be added to the tLAD, tLAC, tIC, tEN, tSEXP, tACL, and tCPPW parameters for macrocells
running in the low-power mode.
Tables 29 and 30 show the EPM7064S AC operating conditions.
tPIA
PIA delay
(7)
1.1
1.1
1.4
1.0
ns
tLPA
Low-power adder
(8)
12.0
10.0
10.0
11.0
ns
Table 28. EPM7032S Internal Timing Parameters
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
-5
-6
-7
-10
Min
Max
Min
Max
Min
Max
Min
Max
Table 29. EPM7064S External Timing Parameters (Part 1 of 2)
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
-5
-6
-7
-10
MinMax MinMax MinMax MinMax
tPD1
Input to non-registered output
C1 = 35 pF
5.0
6.0
7.5
10.0
ns
tPD2
I/O input to non-registered
output
C1 = 35 pF
5.0
6.0
7.5
10.0
ns
tSU
Global clock setup time
2.9
3.6
6.0
7.0
ns
tH
Global clock hold time
0.0
0.0
0.0
0.0
ns
tFSU
Global clock setup time of fast
input
2.5
2.5
3.0
3.0
ns
tFH
Global clock hold time of fast
input
0.0
0.0
0.5
0.5
ns
tCO1
Global clock to output delay
C1 = 35 pF
3.2
4.0
4.5
5.0
ns
tCH
Global clock high time
2.0
2.5
3.0
4.0
ns
tCL
Global clock low time
2.0
2.5
3.0
4.0
ns
tASU
Array clock setup time
0.7
0.9
3.0
2.0
ns
tAH
Array clock hold time
1.8
2.1
2.0
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com