Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6440UTF Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6440UTF
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTF Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6440UTF Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 9Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 10Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 11Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 12Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 13Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
12
______________________________________________________________________________________
PART
OPEN-DRAIN
RESET
PUSH-PULL RESET
SINGLE LOW-
BATTERY OUTPUT
DUAL LOW-BATTERY
OUTPUT
MAX6439
X
—
X
—
MAX6440
—
XX
—
MAX6441
X
——
X
MAX6442
—
X
—
X
Selector Guide
PART
TOP MARK
MAX6439UTDHRD3
ABMN
MAX6439UTDHSD3
ABMO
MAX6439UTEHRD3
ABMP
MAX6439UTEHSD3
ABMQ
MAX6439UTEIRD3
ABMR
MAX6439UTEISD3
ABMS
MAX6440UTDHRD3
ABMT
MAX6440UTDHSD3
ABMU
MAX6440UTEHRD3
ABMV
MAX6440UTEHSD3
ABMW
MAX6440UTEIRD3
ABMX
MAX6440UTEISD3
ABMY
MAX6441KADHRD3
AEEI
MAX6441KADHSD3
AEEJ
MAX6441KAEHRD3
AEEK
MAX6441KAEHSD3
AEEL
MAX6441KAEIRD3
AEEM
MAX6441KAEISD3
AEEN
MAX6442KADHRD3
AEEO
MAX6442KADHSD3
AEEP
MAX6442KAEHRD3
AEEQ
MAX6442KAEHSD3
AEER
MAX6442KAEIRD3
AEES
MAX6442KAEISD3
AEET
Standard Versions Table
Chip Information
TRANSISTOR COUNT: 1478
PROCESS: BiCMOS
DC/DC
MR
VBATT
MAX6439
MAX6440
NMI
RESET
µP
VCC
Li+
3.6V
RESET
LBO
VCC
GND
GND
Typical Application Circuit
LBOH
RESET
LBOLH
1
2
8
7
LBOL
GND
MR
VBATT
SOT23-8
TOP VIEW
3
4
6
5
MAX6441
MAX6442
VCC
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com