Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4685 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 2Page - Micrel Semiconductor MIC4685 Datasheet HTML 3Page - Micrel Semiconductor MIC4685 Datasheet HTML 4Page - Micrel Semiconductor MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC4685
Micrel
MIC4685
6
September 2002
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
Upper Threshold
Lower Threshold
V
IN = 12V
V
OUT = 5V
I
OUT = 100mA
-1
0
1
2
3
4
5
6
-50
0
50
100
150
200
TEMPERATURE (
°C)
Shutdown Hysteresis vs.
Temperature
ON
OFF
0
20
40
60
80
100
120
140
160
180
200
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
V
EN = 0V
570
575
580
585
590
595
600
605
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Saturation Voltage
vs. Input Voltage
I
OUT = 1A
V
OUT = 5V
1.198
1.208
1.218
1.228
1.238
1.248
1.258
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Feedback Voltage
vs. Temperature
I
OUT = 10mA
V
IN = 12V
V
OUT = 1.8V
1.802
1.803
1.804
1.805
1.806
1.807
1.808
1.809
0
0.5
1
1.5
2
2.5
3
3.5
OUTPUT CURRENT (A)
Load Regulation
V
OUT = 13V
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0
5
10
15
20
25
30
35
OUTPUT CURRENT (A)
Line Regulation
I
OUT = 0.100A
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
0
5
10
15
20
25
30
INPUT VOLTAGE (V)
Feedback Voltage
vs. Input Voltage
I
OUT = 10mA
V
OUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com