Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4685 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 3Page - Micrel Semiconductor MIC4685 Datasheet HTML 4Page - Micrel Semiconductor MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MIC4685
Micrel
September 2002
7
MIC4685
*I
OUT < 3A, D1: Diode Inc. B340 (3A/40V)
I
OUT > 3A, D1: SBM1040 (10A/40V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
5V Output SOA
Standard Configuration
T
A = 25°C
T
J = 125°C
D = Max
T
A = 60°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
3.3V Output SOA
Standard Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
1.8V Output SOA
Standard Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
2.5V Output SOA
Standard Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
6
8
10
12
14
16
18
INPUT VOLTAGE (V)
5.0V Output SOA
Bootstrap Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3579
11 13 15 17
INPUT VOLTAGE (V)
3.3V Output SOA
Bootstrap Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3579
11 13 15 17
INPUT VOLTAGE (V)
2.5V Output SOA
Bootstrap Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3579
11 13 15 17
INPUT VOLTAGE (V)
1.8V Output SOA
Bootstrap Configuration
T
A = 60°C
T
J = 125°C
D = Max
T
A = 25°C
T
J = 125°C
D = Max
Typical Safe Operating Area (SOA)
(SOA measured on the MIC4685 Evaluation Board*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com