Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4685 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4685 Datasheet HTML 1Page - Micrel Semiconductor MIC4685 Datasheet HTML 2Page - Micrel Semiconductor MIC4685 Datasheet HTML 3Page - Micrel Semiconductor MIC4685 Datasheet HTML 4Page - Micrel Semiconductor MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MIC4685
Micrel
September 2002
5
MIC4685
Typical Characteristics
(T
A = 25°C unless otherwise noted)
0
50
100
150
200
250
300
350
0
2
4
6
8 1012 1416 1820
INPUT VOLTAGE (V)
Bootstrap Drive Current
vs. Input Voltage
V
IN = 12V
V
FB = 1.5V
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
INPUT VOLTAGE (V)
Bootstrap Voltage
vs. Input Voltage
V
IN = 12V
V
FB = 1.5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Standard
Configuration
V
OUT = 5.0V
V
IN = 8V
V
IN = 12V
V
IN = 30V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Standard
Configuration
V
OUT = 3.3V
V
IN = 8V
V
IN = 30V
V
IN = 12V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Standard
Configuration
V
OUT = 2.5V
V
IN = 8V
V
IN = 30V
V
IN = 24V
V
IN = 12V
0
10
20
30
40
50
60
70
80
90
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Standard
Configuration
V
OUT = 1.8V
V
IN = 8V
V
IN = 12V
V
IN = 24V
V
IN = 30V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Bootstrap
Configuration
V
OUT = 5.0V
V
IN = 7.5V
V
IN = 12V
V
IN = 16V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Bootstrap
Configuration
V
OUT = 3.3V
V
IN = 5V
V
IN = 12V
V
IN = 16V
V
IN = 4.5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Bootstrap
Configuration
V
OUT = 2.5V
V
IN = 5V
V
IN = 12V
V
IN = 16V
0
10
20
30
40
50
60
70
80
90
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
OUTPUT CURRENT (A)
Efficiency
vs. Output Current
Bootstrap
Configuration
V
OUT = 1.8V
V
IN = 5V
V
IN = 12V
V
IN = 16V
0
2
4
6
8
10
12
0
5
10
15
20
25
30
INPUT VOLTAGE (V)
Minimum Duty Cycle
vs. Input Voltage
V
OUT = 1.8V
5.7
5.8
5.9
6
6.1
6.2
6.3
0
5
10 15 20 25 30 35 40
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
V
EN= 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com