Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXFC211507SC Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PXFC211507SC
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXFC211507SC Datasheet(HTML) 1 Page - Infineon Technologies AG

  PXFC211507SC Datasheet HTML 1Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 2Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 3Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 4Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 5Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 6Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 7Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 8Page - Infineon Technologies AG PXFC211507SC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 9
Rev. 02, 2015-03-03
PXFC211507SC
Thermally-Enhanced High Power RF LDMOS FET
150 W, 28 V, 2110 – 2170 MHz
Description
The PXFC211507SC is a 150-watt LDMOS FET intended for use
in multi-standard cellular power amplifier applications in the 2110
to 2170 MHz frequency band. Features include input and out-
put matching, high gain and a thermally-enhanced package with
earless flanges. Manufactured with Infineon's advanced LDMOS
process, this device provides excellent thermal performance and
superior reliability.
PXFC211507SC
Package H-37248G-4/2
(formed leads)
Features
Broadband internal input and output matching
Typical Pulsed CW performance, 2170 MHz, 28 V,
10 µs pulse width, 10% duty cycle
- Output power at P1dB = 150 W
- Efficiency = 56%
- Gain = 19 dB
Typical single-carrier WCDMA performance, 2170
MHz, 28 V, 8 dB PAR @ 0.01% CCDF, Test Model
1 with 64DPCH
- Output power = 32 W
- Efficiency = 32%
- Gain = 20 dB
Capable of handling 10:1 VSWR @28 V, 150 W
(CW) output power
Integrated ESD protection
ESD Rating: Human Body Model, Class 2 (per
ANSI/ESDA/JEDEC JS-001
Low thermal resistance
Pb-free and RoHS compliant
RF Characteristics
Two-carrier WCDMA Specifications (tested in Infineon test fixture)
VDD = 28 V, IDQ = 960 mA, POUT = 32 W avg, ƒ1 = 2160 MHz, ƒ2 = 2170 MHz, 3GPP WCDMA signal, 3.84 MHz channel
bandwidth, 8 dB peak/average @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
19
20.4
dB
Drain Efficiency
D
29
32.9
%
Intermodulation Distortion
IMD
–30.5
–28
dBc
0
8
16
24
32
40
48
56
14
15
16
17
18
19
20
21
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
V
DD = 28 V, VGS = 2.6 V,
I
DQ = 960 mA, ƒ = 2115 MHz,
3GPP WCDMA signal, 8 dB PAR,
10 MHz carrier spacing, 3.84 MHz BW
Gain
Efficiency
c211507sc-gr1a


Similar Part No. - PXFC211507SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC212551SC INFINEON-PXFC212551SC Datasheet
895Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
More results

Similar Description - PXFC211507SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB213208FV INFINEON-PTFB213208FV Datasheet
221Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PTAC210802FC INFINEON-PTAC210802FC_16 Datasheet
650Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
logo
WOLFSPEED, INC.
PXAD214218FV WOLFSPEED-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-23
PXFE211507FC WOLFSPEED-PXFE211507FC Datasheet
763Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com