Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM115CD Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM115CD
Description  3.3V 5V 짹12V Housekeeping IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM115CD Datasheet(HTML) 3 Page - STMicroelectronics

  TSM115CD Datasheet HTML 1Page - STMicroelectronics TSM115CD Datasheet HTML 2Page - STMicroelectronics TSM115CD Datasheet HTML 3Page - STMicroelectronics TSM115CD Datasheet HTML 4Page - STMicroelectronics TSM115CD Datasheet HTML 5Page - STMicroelectronics TSM115CD Datasheet HTML 6Page - STMicroelectronics TSM115CD Datasheet HTML 7Page - STMicroelectronics TSM115CD Datasheet HTML 8Page - STMicroelectronics TSM115CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics
TSM115
3/17
2
Electrical Characteristics
Tamb = 25°C, Vcc=5V, Vs3.3=3.3V, Vs5=5V, Vs12= 12V, Vs-12=-12V, Rem=Low, Rcrnt=12k
Ω
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Total Current Consumption
Icc
Total Supply Current
1
mA
Iccstdby
Total Supply Current in Stand-by Condi-
tions
Rem=high
Vs3.3=0V, Vs5=0V
Vs12=0V, Vs-12=0V
1mA
Vccmin
Min operating Vcc
Tmin < Tamb < Tmax
3
V
Over Voltage and Under Voltage Protection
Vov12
Over Voltage Sense 12V
13.6
14
14.4
V
Vuv12
Under Voltage Sense 12V
8.85
9.12
9.39
V
Iin12b
Input current Voltage sense 12V
50
100
200
µA
Vov5
Over Voltage Sense 5V
6.01
6.20
6.39
V
Vuv5
Under Voltage Sense 5V
4.00
4.12
4.24
V
Iin5
Input current Voltage Sense 5V
50
100
200
µA
Dis5
Disable Voltage Sense 5V
7
7.5
8
V
Vov3.3
Over Voltage Sense 3.3V
3.88
4.00
4.12
V
Vuv3.3
Under Voltage Sense 3.3V
2.52
2.60
2.68
V
Iin3.3
Input current Voltage Sense 3.3V
25
50
100
µA
Vov-12
Over Voltage Sense -12V
-15.49
-15.04
-14.59
V
Vuv-12
Under Voltage Sense -12V
-9.99
-9.70
-9.41
V
Iin-12
Input current Voltage sense -12V
-200
-100
-50
µA
Dis-12
Disable Voltage Sense -12V
3.3
V
Internal delay time
Tdelay
Internal time
30
37
45
µs
Over current Protection
Is3.3
Current source
46
50
54
µA
Vicm3.3
Input common mode
0.7
Vov3.3
V
Vio3.3
Input offset voltage
2
3
mV
Is5
Current source
46
50
54
µA
Vicm5
Input common mode
0.7
Vov5
V
Vio5
Input offset voltage
2
3
mV
Is12
Current source
46
50
54
µA
Vicm12a
Input common mode
0.7
Vov12
V
Vio12a
Input offset voltage
2
3
mV
Vicm12b
Input common mode
0.7
Vov12
V
Vio12b
Input offset voltage
2
3
mV
Iin12a
Input current
10
µA
Bsense
Thbs
Bsense voltage threshold
1.218
1.282
V
Ilbs
Bsense current leakage
Bsense=1V
0
1
µA
Iobs
Current source
Bsense=1.5V
90
100
110
µA
DIobsT
Current source drift in temperature
Tmin < Tamb < Tmax
5
µA
Vbsoh
Clamp voltage
IoBsense=1µA
2.00
2.15
2.30
V
Iclbs
Clamping current
Bsense > 2.5V
Tmin < Tamb < Tmax
3
3.65mA
Vinbs
Input voltage
-0.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com