Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM115CD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM115CD
Description  3.3V 5V 짹12V Housekeeping IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM115CD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM115CD Datasheet HTML 2Page - STMicroelectronics TSM115CD Datasheet HTML 3Page - STMicroelectronics TSM115CD Datasheet HTML 4Page - STMicroelectronics TSM115CD Datasheet HTML 5Page - STMicroelectronics TSM115CD Datasheet HTML 6Page - STMicroelectronics TSM115CD Datasheet HTML 7Page - STMicroelectronics TSM115CD Datasheet HTML 8Page - STMicroelectronics TSM115CD Datasheet HTML 9Page - STMicroelectronics TSM115CD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
Fig. 3: Internal Detailed Schematic
Is12
50µA
Is5
50µA
Is3.3
50µA
UVP
+rails
UVP
-rails
1.125
OVP
+rails
OVP
-rails
1.475
Vref
OCP12B
OCP5
OCP3.3
1.93V
1.2V
1.25V
IotuvTpg
5µA
IdTuvTpg
5mA
Tuv
1.25V
1V
X4
Tpg
1.25V
1V
1.25V
2.5V
Bsense
Iobs
100µA
2.5V
1.25V
Vref
Iotrem
100µA
Iotsur
10µA
Idtrmtsur
5mA
2.5V
2.5V
Trem
1.25V
1V
I1
OV_UV_OC
TDelay = 30µs
S
R
Q
!Q
Vcc
Rcrnt
Fault
Rem
Trem
Bsense
Tuv
Rem
Gnd
Tpg
Vref
Tsur
1.25V
Vref=1.25V
R
S
Q
!Q
Tuv Latch
OCP12A
TSM115
Principle of Operation and Application Hints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com