Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM115CD Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM115CD
Description  3.3V 5V 짹12V Housekeeping IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM115CD Datasheet(HTML) 5 Page - STMicroelectronics

  TSM115CD Datasheet HTML 1Page - STMicroelectronics TSM115CD Datasheet HTML 2Page - STMicroelectronics TSM115CD Datasheet HTML 3Page - STMicroelectronics TSM115CD Datasheet HTML 4Page - STMicroelectronics TSM115CD Datasheet HTML 5Page - STMicroelectronics TSM115CD Datasheet HTML 6Page - STMicroelectronics TSM115CD Datasheet HTML 7Page - STMicroelectronics TSM115CD Datasheet HTML 8Page - STMicroelectronics TSM115CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Electrical Characteristics
TSM115
5/17
Fig. 1: Application Schematic
Fig. 2: Internal Bloc Schematic
Primary
Rectification
MAIN
Converter
12V
5V
3.3V
Auxiliary
converter
5Vstby
TSM115
Over & Undervoltage Protection
Logic
Sequencer
12V
5V
3.3V
PG
REM
FAULT
PWM + OPTO
PWM + OPTO
+ Vref
+ Vref
-12V
rsc12a
rsc5
rsc3.3
-12V
5Vstby
rsc12b
12V
OVP
LOGIC
BLOCK
Is12
Is5
Is33
PG
Rem
12V
5V
3.3V
12V
5V
3.3V
UVP
Cpg
Trem/Tsur
Tuv/Tpg
Crem
FAULT
Gnd
TSM115
Vs-12
-12V
OCP
Vs3.3
Vs5
Vs12a
Vcc
Rocp12V
Rocp5V
Rocp3.3V
Bsense
Rcrnt
Vstby
Vstby
12V
Vs12b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com