Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9112 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9112
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9112 Datasheet(HTML) 5 Page - Microchip Technology

  HV9112 Datasheet HTML 1Page - Microchip Technology HV9112 Datasheet HTML 2Page - Microchip Technology HV9112 Datasheet HTML 3Page - Microchip Technology HV9112 Datasheet HTML 4Page - Microchip Technology HV9112 Datasheet HTML 5Page - Microchip Technology HV9112 Datasheet HTML 6Page - Microchip Technology HV9112 Datasheet HTML 7Page - Microchip Technology HV9112 Datasheet HTML 8Page - Microchip Technology HV9112 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 5
HV9110/HV9112/HV9113
Note 1: Design guidance only; Not 100% tested in production.
2: Stray capacitance on OSC input pin must be ≤5 pF.
ERROR AMPLIFIER
Feedback Voltage
HV9110/13
VFB
3.96
4
4.04
V
VFB shorted to COMP
HV9112
3.92
4
4.08
Input Bias Current
IIN
—
25
500
nA
VFB = 4V
Input Offset Voltage
VOS
Nulled during trim
—
Open-loop Voltage Gain
AVOL
60
80
—
dB
(Note 1)
Unity Gain Bandwidth
GB
1
1.3
—
MHz
(Note 1)
Output Source Current
ISOURCE
–1.4
–2
—
mA
VFB = 3.4V
Output Sink Current
ISINK
0.12
0.15
—
mA
VFB = 4.5V
HIGH-VOLTAGE REGULATOR AND START-UP
Input Voltage
HV9110/13
VIN
—
—
120
V
IIN < 10 µA; VCC > 9.4V
HV9112
—
—
80
Input Leakage Current
IIN
—
—
10
μA
VDD > 9.4V
Regulator Turn-off Threshold Voltage
VTH
8
8.7
9.4
V
IIN = 10 µA
Undervoltage Lockout
VLOCK
7
8.1
8.9
V
SUPPLY
Supply Current
IDD
—
0.75
1
mA
CL < 75 pF
Quiescent Supply Current
IQ
—
0.55
—
mA
VNSD = 0V
Nominal Bias Current
IBIAS
—
20
—
μA
Operating Range
VDD
9
—
13.5
V
SHUTDOWN LOGIC
Shutdown Delay
tSD
—
50
100
ns
CL= 500 pF, VCS= 0V
(Note 1)
NSD Pulse Width
tSW
50
—
—
ns
(Note 1)
RST Pulse Width
tRW
50
—
—
ns
(Note 1)
Latching Pulse Width
tLW
25
—
—
ns
VNSD, VRST = 0V(Note 1)
Input Low Voltage
VIL
—
—
2
V
Input High Voltage
VIH
7
—
—
V
Input Current, Input High Voltage
IIH
—
1
5
μA
VIN = VDD
Input Current, Input Low Voltage
IIL
—
–25
–35
μA
VIN = 0V
OUTPUT
Output High Voltage HV9110/13
VOH
VDD–0.25
—
—
V
IOUT = 10 mA
HV9112
VDD–0.3
—
—
HV9110/13
VDD–0.3
—
—
IOUT = 10 mA,
TA = –55°C to 125°C
Output Low Voltage
All
VOL
—
—
0.2
V
IOUT = –10 mA
HV9110/13
—
—
0.3
IOUT = –10 mA,
TA = –55°C to 125°C
Output Resistance
Pull up
ROUT
—
15
25
Ω
IOUT = ±10 mA
Pull down
—
8
20
Pull up
—
20
30
Ω
IOUT = ±10 mA,
TA = –55°C to 125°C
Pull down
—
10
30
Rise Time
tR
—
30
75
ns
CL = 500 pF (Note 1)
Fall Time
tF
—
20
75
ns
CL = 500 pF (Note 1)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: VDD = 10V, VIN = 48V, VDISC = 0V, RBIAS = 390 kΩ, ROSC = 330 kΩ, TA= 25°C unless otherwise noted.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com