Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9112 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV9112
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9112 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV9112 Datasheet HTML 4Page - Microchip Technology HV9112 Datasheet HTML 5Page - Microchip Technology HV9112 Datasheet HTML 6Page - Microchip Technology HV9112 Datasheet HTML 7Page - Microchip Technology HV9112 Datasheet HTML 8Page - Microchip Technology HV9112 Datasheet HTML 9Page - Microchip Technology HV9112 Datasheet HTML 10Page - Microchip Technology HV9112 Datasheet HTML 11Page - Microchip Technology HV9112 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HV9110/HV9112/HV9113
DS20005505A-page 8
 2016 Microchip Technology Inc.
3.0
PIN DESCRIPTION
Table 3-1
shows
the
pin
description
for
HV9110/HV9112/HV9113. The locations of the pins are
listed in Features.
TABLE 3-1:
PIN DESCRIPTION
Pin Number
HV9110/HV9112/HV9113
Pin Name
Description
1
BIAS
Internal bias, current set
2
VIN
High-voltage VDD regulator input
3
CS
Current sense input
4
GATE
Gate drive output
5
GND
Ground
6
VDD
High-voltage VDD regulator output
7
OSCO
Oscillator output
8
OSCI
Oscillator input
9
DISC
Oscillator discharge, current set
10
VREF
4V reference output
Reference voltage level can be overridden by an externally applied voltage
source.
11
NSD
Active low input to set shutdown latch
12
RST
Active high input to reset shutdown latch
13
COMP
Error amplifier output
14
FB
Feedback voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com