Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9112 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV9112
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9112 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV9112 Datasheet HTML 9Page - Microchip Technology HV9112 Datasheet HTML 10Page - Microchip Technology HV9112 Datasheet HTML 11Page - Microchip Technology HV9112 Datasheet HTML 12Page - Microchip Technology HV9112 Datasheet HTML 13Page - Microchip Technology HV9112 Datasheet HTML 14Page - Microchip Technology HV9112 Datasheet HTML 15Page - Microchip Technology HV9112 Datasheet HTML 16Page - Microchip Technology HV9112 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 13
HV9110/HV9112/HV9113
14-Lead SOIC (Narrow Body) Package Outline (NG)
8.65x3.90mm body, 1.75mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
Dimension
(mm)
MIN
1.35*
0.10
1.25
0.31
8.55* 5.80* 3.80*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
----
8.65
6.00
3.90
-
-
-
-
MAX
1.75
0.25
1.65*
0.51
8.75* 6.20* 4.00*
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation AB, Issue E, Sept. 2005.
Drawings are not to scale.
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A-A
View B
View
B
θ1
θ
E1 E
A A2
A1
A
A
Seating
Plane
e
b
h
h
14
1
Note 1
(Index Area
D/2 x E1/2)
Note 1
Note:
1.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com