Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2111B Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2111B
Description  High-Performance, Multi-Mode, Step-Down Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111B Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2111B Datasheet HTML 17Page - Micrel Semiconductor MIC2111B Datasheet HTML 18Page - Micrel Semiconductor MIC2111B Datasheet HTML 19Page - Micrel Semiconductor MIC2111B Datasheet HTML 20Page - Micrel Semiconductor MIC2111B Datasheet HTML 21Page - Micrel Semiconductor MIC2111B Datasheet HTML 22Page - Micrel Semiconductor MIC2111B Datasheet HTML 23Page - Micrel Semiconductor MIC2111B Datasheet HTML 24Page - Micrel Semiconductor MIC2111B Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
21
Revision 2.1
Temperature Sense Input
The MIC2111B has a dedicated input for thermal sense
from intelligent power stages. The temperature sense pin
(TJ) senses the voltage divided from thermal sense
signal and sends it to the comparator. If this voltage is
higher than the reference voltage, the thermal shutdown
engages and FAULTb is pulled low. Thermal shutdown
threshold can be programmed through a resistive divider
from TJ.
−
×
=
V
6
.
0
V
6
.
0
V
R
R
TSENSE
4
1
Eq. 2
Figure 9. Thermal-Shutdown Programming
Output will be turned off by pulling FAULTb low after TJ
fault is triggered. The fault will be released after
hysteresis of 50mV is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com