Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2111B Datasheet(PDF) 29 Page - Micrel Semiconductor

Part # MIC2111B
Description  High-Performance, Multi-Mode, Step-Down Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111B Datasheet(HTML) 29 Page - Micrel Semiconductor

Back Button MIC2111B Datasheet HTML 25Page - Micrel Semiconductor MIC2111B Datasheet HTML 26Page - Micrel Semiconductor MIC2111B Datasheet HTML 27Page - Micrel Semiconductor MIC2111B Datasheet HTML 28Page - Micrel Semiconductor MIC2111B Datasheet HTML 29Page - Micrel Semiconductor MIC2111B Datasheet HTML 30Page - Micrel Semiconductor MIC2111B Datasheet HTML 31Page - Micrel Semiconductor MIC2111B Datasheet HTML 32Page - Micrel Semiconductor MIC2111B Datasheet HTML 33Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
29
Revision 2.1
Design and Layout Checklist
Ceramic capacitor placed between the VIN and PGND
close to power module input.
Output ceramic capacitors should be placed next to
inductor output node for high-frequency decoupling.
The signal and power ground planes must be
separated to prevent high current and fast switching
signals from interfering with the low level, noise
sensitive analog signals. These planes should be
connected at only 1 point.
The following signals and their components should be
decoupled or referenced to the power ground plane:
VIN, VCC, PGND
These
analog
signals
should
be
referenced
or
decoupled to the analog ground plane:
VCC, SS, PG, COMP, FB, VOUT, and AGND
Place the current-sense lines in differential way. The
trace coming from the switch node to this resistor has
high dv/dt and should be routed away from other noise
sensitive components and traces.
The remote sense traces must be routed close
together or on adjacent layers to minimize noise
pickup. The traces should be routed away from the
switch node, inductors, and other high dv/dt or di/dt
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com