Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2111B Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2111B
Description  High-Performance, Multi-Mode, Step-Down Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2111B Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2111B Datasheet HTML 1Page - Micrel Semiconductor MIC2111B Datasheet HTML 2Page - Micrel Semiconductor MIC2111B Datasheet HTML 3Page - Micrel Semiconductor MIC2111B Datasheet HTML 4Page - Micrel Semiconductor MIC2111B Datasheet HTML 5Page - Micrel Semiconductor MIC2111B Datasheet HTML 6Page - Micrel Semiconductor MIC2111B Datasheet HTML 7Page - Micrel Semiconductor MIC2111B Datasheet HTML 8Page - Micrel Semiconductor MIC2111B Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Micrel, Inc.
MIC2111B
October 13, 2015
4
Revision 2.1
Pin Description (Continued)
Pin Number
I/O
Pin Name
Pin Name
9
I/O
LS
Low-Side Logic Output. Connect this pin to module-mode pin for outside audio operation.
Leave this pin open if outside audio (>25kHz) operation is not required. Current limit can be
adjusted by connecting a resistor from LS to AGND (see Table 1 for details).
10
O
HS
High-Side Logic of Power Module Top FET. Connect this pin to the PWM pin of power module.
This pin has tri-state capability.
11
P
VCC
5V Supply Input
. A 1μF ceramic capacitor from VCC to AGND is required for decoupling.
12
P
AGND
Analog Ground.
13
I
ISEN
Negative pin of the inductor current-sense input.
14
I
ISEN+
Positive pin of the inductor current-sense input.
15
I/O
FAULTb
Bi-Directional Pin. This pin goes low if controller or module is not ready. This pin goes low if
VCC is less than UVLO, or if a TJ or OVP fault is triggered. Either VCC cycling or EN cycling is
required to clear the fault. This pin has an internal 100k
Ω pull-up resistor to VCC
16
I
RS+
The non-inverting input of the remote sensing amplifier. Remote sense for output voltage.
17
I
RS-
The inverting input of the remote sensing amplifier. Remote sense for GND.
18
O
VDIFF
Output of differential amplifier. Connect a resistor divider from VDIFF to set output voltage
19
I
FB
The inverting input of the error amplifier.
20
I/O
COMP
Transconductance Amplifier Output. Connect compensation network from COMP node for
frequency response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com