Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSPD200480D3K Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # BSPD200480D3K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD200480D3K Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  BSPD200480D3K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD200480D3K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BSPD surge protective devices
High capacity Type 1 and Type 2 SPDs for overvoltage protection
on switchgear and power distribution panels
Technical Data 10209
Effective December 2015
Supersedes September 2014
Contents
Description
Page
Introduction
2
Applications
2
Features
2
Standards and certifications
2
Configuration
3
Enclosure options, dimensions, and weights
3
Voltage protection ratings
4-5
Specifications
6
Catalog number system
7
Technical support information
7
BUSSMANN
SERIES


Similar Part No. - BSPD200480D3K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD200480D3K EATON-BSPD200480D3K Datasheet
1Mb / 8P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD200480D3K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
logo
TDK Electronics
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
logo
fujitsu semiconductor
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
POWER RELAY 1 POLE - High Capacity 32A Type
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
TDK Electronics
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
On-board type, Non-dimming, 9W, For 1 and 2 bulbs
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com