Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3133Y Datasheet(PDF) 62 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 62 Page - Micronas

Back Button VDP3133Y Datasheet HTML 58Page - Micronas VDP3133Y Datasheet HTML 59Page - Micronas VDP3133Y Datasheet HTML 60Page - Micronas VDP3133Y Datasheet HTML 61Page - Micronas VDP3133Y Datasheet HTML 62Page - Micronas VDP3133Y Datasheet HTML 63Page - Micronas VDP3133Y Datasheet HTML 64Page - Micronas VDP3133Y Datasheet HTML 65Page - Micronas VDP3133Y Datasheet HTML 66Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
62
Micronas
3.6.4. Characteristics
If not otherwise designated under test conditions, all characteristics are specified for recommended operating condi-
tions (see Section 3.6.2. on page 59).
3.6.4.1. General Characteristics
3.6.4.2. I2C Bus Interface
3.6.4.3. Reset Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
PTOT
Total Power Dissipation
−
900
1400
mW
IVSUPD
Current Consumption Digital
Circuitry
VSUPD
−
118
−
mA
IVSUPAF
Current Consumption Analog
Frontend
VSUPAF
−
35
−
mA
IVSUPAB
Current Consumption Analog
Backend
VSUPAB
−
58
−
mA
depends on contrast and
brightness settings
IL
Input and Output Leakage
Current
All I/O Pins
−1
−
1
µA
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
SDA, SCL
−−
0.3
VSUPD
VIH
Input High Voltage
0.6
−−
VSUPD
VOL
Output Low Voltage
−−
0.4
0.6
V
V
Il = 3 mA
Il = 6 mA
VIH
Input Capacitance
−−
5pF
tF
Signal Fall Time
−−
300
ns
CL = 400 pF
tR
Signal Rise Time
−−
300
ns
CL = 400 pF
fSCL
Clock Frequency
SCL
0
−
400
kHz
tLOW
Low Period of SCL
1.3
−−
µs
tHIGH
High Period of SCL
0.6
−−
µs
tSU Data
Data Set Up Time to SCL
high
SDA
100
−−
ns
tHD Data
DATA Hold Time to SCL low
0
−
0.9
µs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
RESQ
−−
0.8
V
VIH
Input High Voltage
RESQ
2
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com