Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3133Y Datasheet(PDF) 18 Page - Micronas

Part # VDP3133Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y Datasheet(HTML) 18 Page - Micronas

Back Button VDP3133Y Datasheet HTML 14Page - Micronas VDP3133Y Datasheet HTML 15Page - Micronas VDP3133Y Datasheet HTML 16Page - Micronas VDP3133Y Datasheet HTML 17Page - Micronas VDP3133Y Datasheet HTML 18Page - Micronas VDP3133Y Datasheet HTML 19Page - Micronas VDP3133Y Datasheet HTML 20Page - Micronas VDP3133Y Datasheet HTML 21Page - Micronas VDP3133Y Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
18
Micronas
2.10.7.Chrominance Transient Improvement
The intention of this block is to enhance the chromi-
nance resolution. A correction signal is calculated by
differentiation of the color difference signals. The differ-
entiation can be selected according to the signal band-
width, e.g. for PAL/NTSC/SECAM or digital component
signals, respectively. The amplitude of the correction
signal is adjustable. Small noise amplitudes in the cor-
rection signal are suppressed by an adjustable coring
circuit. To eliminate ‘wrong colors’, which are caused
by over and undershoots at the chrominance transi-
tion, the sharpened chrominance signals are limited to
a proper value automatically.
L
Fig. 2–15: Digital Color Transient Improvement
2.10.8.Inverse Matrix
A 6-multiplier matrix transcodes the CR and CB signals
to R-Y, B-Y, and G-Y. The multipliers are also used to
adjust color saturation in the range of 0 to 2. The coef-
ficients are signed and have a resolution of 9 bits. The
matrix computes:
R
−Y = MR1
×C
B+MR2×CR
G
−Y = MG1
×C
B+MG2×CR
B
−Y = MB1
×C
B+MB2×CR
The initialization values for the matrix are computed
from the standard ITUR (CCIR) matrix:
For a contrast setting of CTM+32, the matrix values
are scaled by a factor of 64 (see Table 2–5 on
page 32).
2.10.9.RGB Processing
After adding the post-processed luminance, the digital
RGB signals are limited to 10 bits. Three multipliers
are used to digitally adjust the whitedrive. An average
beam current limiter using the same multipliers is
implemented (see Section 2.11.1. on page 21).
2.10.10.Picture Frame Generator
When the picture does not fill the total screen (height
or width too small) it is surrounded with black areas.
These areas (and more) can be colored with the pic-
ture frame generator. This is done by switching over
the RGB signal from the matrix to the signal from the
internal picture frame generator.
The width of each area (left, right, upper, lower) can be
adjusted separately. The generator starts on the right,
respectively lower side of the screen and stops on the
left, respectively upper side of the screen. This means,
it runs during horizontal, respectively vertical flyback.
The color of the complete border can be programmed
in the format 3
× 4 bit RGB. The contrast can be
adjusted separately.
a) CRCB input of DTI
b) CRCB input + Correction signal
c) sharpened and limited CRCB
t
t
t
CR in
CB in
a)
b)
Ampl.
CR out
CB out
c)
R
G
B
=
1
1
1
0
−0.345
1.773
1.402
−0.713
0
Y
CB
CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com