Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D4DAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 1 Page - Texas Instruments

  TPA2000D4DAP Datasheet HTML 1Page - Texas Instruments TPA2000D4DAP Datasheet HTML 2Page - Texas Instruments TPA2000D4DAP Datasheet HTML 3Page - Texas Instruments TPA2000D4DAP Datasheet HTML 4Page - Texas Instruments TPA2000D4DAP Datasheet HTML 5Page - Texas Instruments TPA2000D4DAP Datasheet HTML 6Page - Texas Instruments TPA2000D4DAP Datasheet HTML 7Page - Texas Instruments TPA2000D4DAP Datasheet HTML 8Page - Texas Instruments TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Ideal for Notebook PCs and USB-Powered
Speakers
D 2 W Into 4 Ω From 5-V Supply
D Integrated Class-AB Headphone Amplifier
D Second-Generation Modulation Technique
– Filterless Operation
– Improved Efficiency
D Low Supply Current ...9 mA typ at 5 V
D Shutdown Control ...< 0.05 µA Typ
D Shutdown Pin Is TTL Compatible
D –40°C to 85°C Operating Temperature
Range
D Space-Saving, Thermally-Enhanced
PowerPAD
 Packaging
description
The TPA2000D4 is a 2-W stereo bridge-tied-load
(BTL)
class-D
amplifier
designed
to
drive
speakers with as low as 4-
Ω impedance. The amplifier uses TI’s second-generation modulation technique,
which results in improved efficiency and SNR, and also allows the device to be connected directly to the speaker
without the use of the LC output filter commonly associated with class-D amplifiers (this will result in an EMI
which must be shielded at the system level). These features make the device ideal for use in notebook PCs
where high-efficiency is needed to extend battery run-time. For speakers powered off the USB bus, the
high-efficiency allows for higher output power levels without tripping the USB’s overcurrent circuitry.
The gain of the amplifier is controlled by two input terminals, GAIN1, and GAIN0. This allows the amplifier to
be configured for a gain of 6, 12, 18, and 23.5 dB. The differential input terminals are high-impedance CMOS
inputs, and can be used as summing nodes.
The headphone amplifier is a stereo single-ended (SE) class-AB amplifier which requires two external resistors
per channel to set the gain. The MODE pin selects which amplifier is active; the unused amplifier is placed in
shutdown to reduce supply current.
Both the class-D BTL amplifier, and the class-AB SE amplifier include depop circuitry to reduce the amount of
turnon pop at power up, when cycling SHUTDOWN, and when switching modes of operation.
The TPA2000D4 is available in the 32-pin thermally-enhanced TSSOP package (DAP) which allows stereo 2-W
continuous output power levels in 4-
Ω loads when placed on a board with proper thermal board design. The
TPA2000D4 operates over an ambient temperature range of –40
°C to 85°C.
These packages deliver levels of thermal performance that were previously only achievable in TO-220-type
packages. Thermal impedances of less than 35
°C/W are readily realized in multilayer PCB applications when
using the DAP package.
Copyright
 2000–2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
LINN
LINP
HPLIN
GAIN0
GAIN1
PVDDL
LOUTP
PGNDL
PGNDL
LOUTN
PVDDL
HPLGAIN
HPLOUT
MODE
HPRGAIN
HPROUT
RINN
RINP
HPRIN
BYPASS
SHUTDOWN
PVDDR
ROUTP
PGNDR
PGNDR
ROUTN
PVDDR
NC
VDD
COSC
ROSC
AGND
DAP PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPA2000D4DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D4DAP TI-TPA2000D4DAP Datasheet
643Kb / 27P
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4DAPG4 TI-TPA2000D4DAPG4 Datasheet
643Kb / 27P
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
TPA2000D4DAPR TI-TPA2000D4DAPR Datasheet
643Kb / 27P
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
More results

Similar Description - TPA2000D4DAP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Texas Instruments
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com