Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D4DAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2000D4DAP Datasheet HTML 5Page - Texas Instruments TPA2000D4DAP Datasheet HTML 6Page - Texas Instruments TPA2000D4DAP Datasheet HTML 7Page - Texas Instruments TPA2000D4DAP Datasheet HTML 8Page - Texas Instruments TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments TPA2000D4DAP Datasheet HTML 10Page - Texas Instruments TPA2000D4DAP Datasheet HTML 11Page - Texas Instruments TPA2000D4DAP Datasheet HTML 12Page - Texas Instruments TPA2000D4DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0.5
0.1
0.05
0.01
10 m 20 m
50 m 100 m 200 m
1
5
10
500 m
1
2
3
0.2
2
0.02
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
PO – Output Power – W
VDD = 5 V,
RL = 4 Ω,
All Gains
f = 20 kHz
f = 1 kHz
f = 20 Hz
Figure 10
Phase
Gain
20
18
16
15
20
50 100 200
500 1 k 2 k
21
23
f – Frequency – Hz
CLASS-D GAIN AND PHASE
vs
FREQUENCY
25
5 k 10 k 20 k 40 k
100
80
60
40
20
0
–20
–40
–60
–80
–100
17
19
22
24
VDD = 5 V,
PO = 1 W,
RL = 4 Ω,
All Gains
Figure 11
–50
–80
–90
–100
20
50
100 200
500 1 k
–40
–30
f – Frequency – Hz
CLASS-D CROSSTALK
vs
FREQUENCY
–10
2 k
5 k 10 k 20 k
–70
–60
–20
VDD = 5 V,
PO = 1 W
RL = 4 Ω,
All Gains
L to R
R to L
Figure 12
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.2
0.4
0.6
0.8
1
1.2
POWER DISSIPATION
vs
OUTPUT POWER
PO – Output Power – W
VDD = 5 V,
RL = 8 Ω Speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com