Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2000D4DAP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2000D4DAP Datasheet HTML 10Page - Texas Instruments TPA2000D4DAP Datasheet HTML 11Page - Texas Instruments TPA2000D4DAP Datasheet HTML 12Page - Texas Instruments TPA2000D4DAP Datasheet HTML 13Page - Texas Instruments TPA2000D4DAP Datasheet HTML 14Page - Texas Instruments TPA2000D4DAP Datasheet HTML 15Page - Texas Instruments TPA2000D4DAP Datasheet HTML 16Page - Texas Instruments TPA2000D4DAP Datasheet HTML 17Page - Texas Instruments TPA2000D4DAP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
VO – Output Voltage – mV
0
10
20
30
40
50
60
0
10
2030
4050
607080
HEADPHONE
SUPPLY CURRENT
vs
OUTPUT VOLTAGE
VDD = 5 V,
RL = 10 kΩ,
AV = 0 dB
Figure 26
PO – Output Power – mW
0
10
20
30
40
50
60
020
40
60
80
100
120 140
160 180
HEADPHONE
SUPPLY CURRENT
vs
OUTPUT POWER
VDD = 5 V,
RL = 32 Ω,
AV = 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com