Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1003-1 Datasheet(PDF) 5 Page - Microchip Technology

Part # UCS1003-1
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-1 Datasheet(HTML) 5 Page - Microchip Technology

  UCS1003-1 Datasheet HTML 1Page - Microchip Technology UCS1003-1 Datasheet HTML 2Page - Microchip Technology UCS1003-1 Datasheet HTML 3Page - Microchip Technology UCS1003-1 Datasheet HTML 4Page - Microchip Technology UCS1003-1 Datasheet HTML 5Page - Microchip Technology UCS1003-1 Datasheet HTML 6Page - Microchip Technology UCS1003-1 Datasheet HTML 7Page - Microchip Technology UCS1003-1 Datasheet HTML 8Page - Microchip Technology UCS1003-1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 5
UCS1003-1/2/3
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Voltage on VDD, VS and VBUS Pins....................................................................................................................-0.3 to 6V
Pull-up Voltage (VPULLUP) .................................................................................................................... -0.3 to VDD + 0.3V
Data Switch Current (IHSW_ON), Switch On...........................................................................................................±50 mA
Port Power Switch Current .................................................................................................................... Internally Limited
Data Switch Pin Voltage To Ground (DPOUT, DPIN, DMOUT, DMIN); (VDD powered or unpowered)....... -0.3 to VDD +0.3V
Differential Voltage Across Open Data Switch (DPOUT – DPIN, DMOUT – DMIN, DPIN – DPOUT, DMIN – DMOUT) .........VDD
Voltage on any Other Pin to Ground ................................................................................................... -0.3 to VDD + 0.3V
Current on any Other Pin ......................................................................................................................................±10 mA
Package Power Dissipation ............................................................................................................................... Table 1-1
Operating Ambient Temperature Range .....................................................................................................-40 to +125°C
Storage Temperature Range.......................................................................................................................-55 to +150°C
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
POWER DISSIPATION SUMMARY
Board
Package
JC
JA
Derating
Factor Above
+25°C
TA <+25°C
Power
Rating
TA <+70°C
Power
Rating
TA < +85°C
Power
Rating
High K
(see Note 1)
20-pin QFN
4x 4 mm
6°C/W
41°C/W
24.4 mW°/C
2193 mW
1095 mW
729 mW
Low K
(see Note 1)
20-pin QFN
4x 4 mm
6°C/W
60°C/W
16.67 mW°/C
1498 mW
748 mW
498 mW
Note 1:
Junction to ambient (
JA) is dependent on the design of the thermal vias. A High K board uses a thermal
via design with a thermal landing soldered to the PCB ground plane, with 0.3 mm (12 mil) diameter vias in
a 3x3 matrix (9 total) at 0.5 mm (20 mil) pitch. The board is multilayer with 1-ounce internal power and
ground planes and 2-ounce copper traces on top and bottom. A Low K board is a two-layer board without
thermal via design, with 2-ounce copper traces on the top and bottom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com