Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2419 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2419
Description  Triple 65 MHz CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2419 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2419 Datasheet HTML 1Page - National Semiconductor (TI) LM2419 Datasheet HTML 2Page - National Semiconductor (TI) LM2419 Datasheet HTML 3Page - National Semiconductor (TI) LM2419 Datasheet HTML 4Page - National Semiconductor (TI) LM2419 Datasheet HTML 5Page - National Semiconductor (TI) LM2419 Datasheet HTML 6Page - National Semiconductor (TI) LM2419 Datasheet HTML 7Page - National Semiconductor (TI) LM2419 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application Hints (Continued)
TLH11442 – 8
FIGURE 3 Typical Application Circuit (One Channel)
IMPROVING RISE AND FALL TIMES
Because of an emitter follower output stage the rise and fall
times of the LM2419 are relatively unaffected by capacitive
loading However the series resistors R1 and R2 (see
Fig-
ure 3 ) will reduce the rise and fall times when driving the
CRT’s cathode which appears as a capacitive load The ca-
pacitance at the cathode typically ranges from 8 pF to
12 pF
To improve the rise and fall times at the cathode a small
inductor is often used in series with the output of the amplifi-
er The inductor L1 in
Figure 3 peaks the amplifier’s fre-
quency response at the cathode thus improving rise and fall
times The inductor value is empirically determined and is
dependent on the load An inductor value of 01 mHisa
good starting value Note that peaking the amplifier’s fre-
quency response will increase the overshoot
REDUCING OVERSHOOT
LM2419’s overshoot is a function of both the input signal
rise and fall times and the capacitive loading The overshoot
is increased by either more capacitive loading or faster rise
and fall times of the input signal
Table I shows the overshoot for a typical device with differ-
ent capacitive loads and different input signal rise and fall
times As can be observed from Table I overshoot is large
for large capacitive loads and faster input signal rise and fall
times In an actual application the LM2419 is driven from a
preamplifier with rise and fall times of 3 ns to 7 ns When
driven from LM1203 preamplifier (see application circuit
Figure 6 ) the overshoot is 10% with 12 pF capacitive load
The overshoot can be reduced by including a resistor in
series with LM2419’s output as in
Figure 3 Larger value
resistors for R1 and R2 would reduce overshoot but this
also increases the rise and fall times at the output Frequen-
cy peaking using an inductor in series with the output may
restore the bandwidth
Table I LM2419 Output Overshoot
vs Capacitive Loading for a Typical Device
Input Signal
CL
tr tf
5 pF
8 pF
11 pF
15 pF
12 ns
4%
6%
7%
8%
7ns
4%
5%
6%
7%
GAIN VS OUTPUT DC LEVEL
Figure 4 shows LM2419’s gain versus output DC level A
100 mVPP AC signal is applied at the LM2419’s input and
the input signal’s DC level is swept As can be seen from
Figure 4 the amplifier’s gain is constant at approximately
154 (VOUT e 154 VPP) for output DC level between 35V
and 65V Thus the amplifier’s output response is linear for
output voltage between 35V and 65V If the output voltage
is less than 35V or more than 70V the amplifier’s output
response becomes non-linear (note the change in gain
Fig-
ure 4 ) For optimum performance it is recommended that
LM2419’s output low voltage be at 25V or above For a
50 VPP swing the output high voltage is 75V With an output
signal swing from 25V to 75V LM2419’s linearity error is
measured at 8%
TLH11442 – 9
FIGURE 4 Gain vs VOUT (DC) VIN e 100 mVPP
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com