Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2419 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2419
Description  Triple 65 MHz CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2419 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2419 Datasheet HTML 1Page - National Semiconductor (TI) LM2419 Datasheet HTML 2Page - National Semiconductor (TI) LM2419 Datasheet HTML 3Page - National Semiconductor (TI) LM2419 Datasheet HTML 4Page - National Semiconductor (TI) LM2419 Datasheet HTML 5Page - National Semiconductor (TI) LM2419 Datasheet HTML 6Page - National Semiconductor (TI) LM2419 Datasheet HTML 7Page - National Semiconductor (TI) LM2419 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH11442
December 1994
LM2419
Triple 65 MHz CRT Driver
General Description
The LM2419 contains three wide bandwidth large signal
amplifiers designed for large voltage swings The amplifiers
have a gain of b15 The device is intended for use in color
CRT monitors and is a low cost solution to designs conform-
ing to 1024 x 768 display resolution
The device is mounted in the industry standard 11-lead
TO-220 molded power package The heat sink is electrically
isolated and may be grounded for ease of manufacturing
and EMIRFI shielding
Features
Y
50 VPP output swing at 65 MHz
Y
RiseFall time 5 ns with 12 pF load
Y
60 VPP output swing capability
Y
Pin and function compatible with LM2416
Y
No low frequency tilt compensation required
Applications
Y
CRT driver for SVGA IBM 8514 and 1024 x 768
display resolution RGB monitors
Schematic and Connection Diagrams
One Channel
TLH11442 – 1
TLH11442 – 2
Order Number LM2419T
See NS Package Number TA11B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2419

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM241 SEOUL-LM241 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM241 SEOUL-LM241 Datasheet
360Kb / 13P
CYAN LAMP LED
LM241 SEOUL-LM241 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM241 SEOUL-LM241 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM241 SEOUL-LM241 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM2419

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2427 NSC-LM2427 Datasheet
117Kb / 6P
Triple 80 MHz CRT Driver
logo
Calogic, LLC
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
Triple CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
Triple CRT Driver
logo
National Semiconductor ...
LM2416 NSC-LM2416 Datasheet
214Kb / 4P
Triple 50 MHz CRT Driver
logo
Calogic, LLC
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
Triple CRT Driver
logo
National Semiconductor ...
LH2426 NSC-LH2426 Datasheet
100Kb / 4P
Triple 80 MHz CRT Driver
LM2418 NSC-LM2418 Datasheet
119Kb / 6P
Triple 30 MHz CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com