Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2419 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2419
Description  Triple 65 MHz CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2419 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2419 Datasheet HTML 1Page - National Semiconductor (TI) LM2419 Datasheet HTML 2Page - National Semiconductor (TI) LM2419 Datasheet HTML 3Page - National Semiconductor (TI) LM2419 Datasheet HTML 4Page - National Semiconductor (TI) LM2419 Datasheet HTML 5Page - National Semiconductor (TI) LM2419 Datasheet HTML 6Page - National Semiconductor (TI) LM2419 Datasheet HTML 7Page - National Semiconductor (TI) LM2419 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Hints (Continued)
THERMAL CONSIDERATIONS
LM2419’s transfer characteristic and power dissipation ver-
sus DC input voltage is shown in
Figure 5 Power supply
current increases as the input voltage increases conse-
quently power dissipation increases For the LM2419 the
worst case power dissipation occurs when a white screen is
displayed on the CRT Considering a 20% black retrace
time in a 1024 x 768 display resolution application the aver-
age power dissipation for continuous white screen is less
than 4W per channel with 50 VPP output signal (black level
at 75V and white level at 25V) Although the total power
dissipation is less than 12W for a continuous white screen
the heat sink should be selected for 13W power dissipation
because of the variation in power dissipation from part to
part
For thermal and gain linearity considerations the output low
voltage (white level) should be maintained above 20V If the
device is operated at an output low voltage below 20V the
power dissipation might exceed 47W per channel (ie 14W
power dissipation for the device) Note that the device can
be operated at lower power by reducing the peak to peak
video output voltage to less than 50V and clamping the vid-
eo black level close to the supply voltage
TLH11442 – 10
FIGURE 5 VOUT and Power Dissipation vs VIN
The LM2419 requires that the package be properly heat
sunk under all operating conditions
Maximum ratings re-
quire that the device case temperature be limited to 90 C
maximum Thus for 50 C maximum ambient temperature
and 13W maximum power dissipation the thermal resist-
ance of the heat sink should be
isa s (90–50) C13W e 3 CW
SHORT CIRCUIT PROTECTION
The output of LM2419 is not short circuit protected Short-
ing the output to either ground or to Va will destroy the
device The minimum DC load resistance the LM2419 can
drive without damage is 16 kX to ground or Va However
driving a 16 kX load for an extended period of time is not
recommended because of power dissipation considera-
tions If the LM2419 is used to drive a resistive load then the
load should be 10 kX or greater
RGB Video Application
A complete video section for an RGB CRT monitor is shown
in
Figure 6 The LM1203 video preamplifier and the LM2419
include almost all the circuitry required between the video
input connection and the CRT’s cathodes However an ex-
ternally generated back porch clamp signal is required to
accomplish DC restoration of the video signal
Figure 6 ’s circuit is excellent choice for a non-interlaced
1024 x 768 display resolution application With 50 VPP out-
put swing and 12 pF load the risefall time for
Figure 6 ’s
circuit was measured at 75 ns In this application feedback
is local to the LM1203 For detailed information on the
LM1203 please refer to the LM1203 data sheet
PC BOARD LAYOUT CONSIDERATIONS
For optimum performance adequate ground plane isolation
between channels good supply bypassing and minimizing
unwanted feedback are necessary Moreover the length of
the signal trace from the preamplifier to the LM2419 and
from the LM2419 to the cathode should be as short as is
practical The following book is highly recommended
Ott Henry W
Noise Reduction Techniques in Electronic
Systems John Wiley
Sons New York 1976
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com