Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1W5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDALC6V1W5
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 Datasheet(HTML) 7 Page - STMicroelectronics

  ESDALC6V1W5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ESDALC6V1W5
7/9
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-100.0
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
ESDALC6V1W5 : typical analog crosstalk response
dB
f/Hz
Fig. A7: Typical analog crosstalk measurements.
Figure A6 gives the measurement circuit for the analog crosstalk application. In figure A7, the curve shows
the effect of the line I/O1 on the line I/O4. In usual frequency range of analog signals (up to 100MHz) the
effect on disturbed line is less than -60dB.
GND
I/O4
I/O1
VG1
β21 G1
V
unloaded
unloaded
pulse generator
F= 5MHz
t = 3ns
R
0 - 3kV
Fig. A8: Digital crosstalk measurements configu-
ration.
crosstalk
rise time: t
= 3ns
10-90%
VG1
β21 G1
V
Fig. A9: Digital crosstalk results.
Figure A8 shows the measurement circuit used to quantify the crosstalk effect in a classical digital
application.
Figure A9 shows that in such a condition, the impact on the disturbed line is less than 50 mV peak to peak.
No data disturbance was noted on the concerned line. The measurements performed with falling edges
give an impact within the same range.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com