Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1W5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6V1W5
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6V1W5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ESDALC6V1W5
4/9
With the focus of lowering the operation levels, the problem of malfunction caused by the environment is
critical. Electrostatic discharge (ESD) is a major cause of failure in electronic systems.
As a transient voltage suppressor, ESDALC6V1W5 is an ideal choice for ESD protection by suppressing
ESD events. It is capable of clamping the incoming transient to a low enough level such that any damage is
prevented on the device protected by ESDALC6V1W5.
ESDALC6V1W5 serves as a parallel protection elements, connected between the signal line and ground.
As the transient rises above the operating voltage of the device, the ESDALC6V1W5 becomes a low
impedance path diverting the transient current to ground.
The clamping voltage is given by the following formula:
VCL =VBR + Rd.IPP
As shown in figure A1, the ESD strikes are clamped by the transient voltage suppressor.
1. ESD protection by ESDALC6V1W5
TECHNICAL INFORMATION
Rd
RG
VG
VBR
V(i/o)
R
L O
AD
Device
to be
protected
ESD surge
ESDALC6V1W5
IPP
Fig. A1: ESD clamping behavior
To have a good approximation of the remaining voltages at both Vi/o side, we provide the typical dynamical
resistance value Rd. By taking into account the following hypothesis:
Rg > Rd and Rload > Rd
we have:
()
Vi o
V
R
V
R
BR
d
g
g
/
=+
×
The results of the calculation done Vg = 8kV, Rg = 330
Ω (IEC61000-4-2 standard), VBR = 6.1V (min) and
Rd = 1.1
Ω (typ.) give:
()
V i o
Volts
/,
= 32 8
This confirms the very low remaining voltage across the device to be protected. It is also important to note
that in this approximation the parasitic inductance effect was not taken into account. This could be a few
tenths of volts during a few ns at the Vi/o side.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com