Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1W5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1W5
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1W5 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1W5 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 8Page - STMicroelectronics ESDALC6V1W5 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ESDALC6V1W5
3/9
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
175
Tj(°C)
Ppp[Tj initial] / Ppp [Tj initial = 25°C]
Fig. 1: Relative variation of peak pulse power
versus initial junction temperature.
10
100
1
10
100
tp(µs)
Tj initial = 25°C
Ppp(W)
Fig. 2: Peak pulse power versus exponential pulse
duration.
0
2
4
6
8
10
12
14
01
23
45
VR(V)
F=1MHz
Vosc=30mV
RMS
Tj=25°C
C(pF)
Fig. 3: Junction capacitance versus reverse voltage
applied (typical values).
0.1
1.0
10.0
100.0
0
1020
3040
5060
Vcl(V)
tp=2.5µs
Tj initial =25°C
Ipp(A)
Fig. 4: Clamping voltage versus peak pulse cur-
rent (maximum values, rectangular waveform).
1
10
100
25
50
75
100
125
Tj(°C)
IR [Tj] / IR [Tj=25°C]
Fig. 5: Relative variation of leakage current versus
junction temperature (typical values).
IC
to be
protected
I/02
I/01
I/04
I/03
Fig. 6: Application example



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com